Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1240BEPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1240BEPA
Description  2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1240BEPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1240BEPA Datasheet HTML 1Page - Maxim Integrated Products MAX1240BEPA Datasheet HTML 2Page - Maxim Integrated Products MAX1240BEPA Datasheet HTML 3Page - Maxim Integrated Products MAX1240BEPA Datasheet HTML 4Page - Maxim Integrated Products MAX1240BEPA Datasheet HTML 5Page - Maxim Integrated Products MAX1240BEPA Datasheet HTML 6Page - Maxim Integrated Products MAX1240BEPA Datasheet HTML 7Page - Maxim Integrated Products MAX1240BEPA Datasheet HTML 8Page - Maxim Integrated Products MAX1240BEPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ppm/°C
+2.7V, Low-Power,
12-Bit Serial ADCs in 8-Pin SO
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +3.6V (MAX1240); VDD = +2.7V to +5.25V (MAX1241); 73ksps, fSCLK = 2.1MHz (50% duty cycle); MAX1240—4.7µF
capacitor at REF pin, MAX1241—external reference; VREF = 2.500V applied to REF pin; TA = TMIN to TMAX; unless otherwise noted.)
VIN = 0V or VDD
µA
TA = +25°C
µA
100
150
±0.01
±1
IIN
SCLK, CS Input Leakage
V
0.2
Input Current
CONDITIONS
SHDN = 0V
µA
±0.01
10
VHYST
SCLK, CS Input Hysteresis
SHDN = 0V or VDD
µA
REF Input Current in Shutdown
k
18
25
±4.0
SHDN Input Current
Input Resistance
V
0.4
VSL
SHDN Input Low Voltage
V
(Note 5)
VDD - 0.4
VSH
SHDN Input High Voltage
pF
15
CIN
V
REF Output Voltage
SCLK, CS Input Capacitance
SHDN = float
nA
SHDN = float
±100
SHDN Max Allowed Leakage,
Mid Input
V
VDD/2
VFLT
SHDN Voltage, Floating
V
1.1
VDD - 1.1
VSM
SHDN Input Mid Voltage
ISINK = 5mA
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V
0.4
VOL
Output Voltage Low
CS = VDD (Note 5)
pF
15
COUT
Three-State Output Capacitance
CS = VDD
µA
ISOURCE = 0.5mA
±0.01
±10
IL
Three-State Leakage Current
V
VDD - 0.5
VOH
V
VDD ≤ 3.6V
0.8
VIL
µF
0.1
Capacitive Bypass at REF
SCLK, CS Input Low Voltage
V
2.0
VIH
SCLK, CS Input High Voltage
Output Voltage High
ISINK = 16mA
VDD > 3.6V (MAX1241)
0.8
3.0
2.480
2.500
2.520
V
Input Voltage Range
1.00
VDD +
50mV
MAX1240AC/BC
ppm/°C
REF Temperature Coefficient
±30
±50
REF Short-Circuit Current
30
MAX1240AE/BE
±30
±60
MAX1240AM/BM
±30
±80
0mA to 0.2mA output load
Load Regulation (Note 4)
0.35
mA
µF
Capacitive Bypass at REF
4.7
MAX1240C
±30
DIGITAL OUTPUT: DOUT
DIGITAL INPUTS: SCLK, C
CS
S, S
SH
HD
DN
N
EXTERNAL REFERENCE (VREF = 2.500V)
INTERNAL REFERENCE (MAX1240 only)


Similar Part No. - MAX1240BEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1240BEPA++ MAXIM-MAX1240BEPA+ Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240BEPA++ MAXIM-MAX1240BEPA+ Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
More results

Similar Description - MAX1240BEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com