Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1297 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1297
Description  265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1297 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1297 Datasheet HTML 1Page - Maxim Integrated Products MAX1297 Datasheet HTML 2Page - Maxim Integrated Products MAX1297 Datasheet HTML 3Page - Maxim Integrated Products MAX1297 Datasheet HTML 4Page - Maxim Integrated Products MAX1297 Datasheet HTML 5Page - Maxim Integrated Products MAX1297 Datasheet HTML 6Page - Maxim Integrated Products MAX1297 Datasheet HTML 7Page - Maxim Integrated Products MAX1297 Datasheet HTML 8Page - Maxim Integrated Products MAX1297 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
265ksps, +3V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
4
_______________________________________________________________________________________
tTR
20
70
ns
CLOAD = 20pF, Figure 1
RD Rise to Output Disable
WR to CLK Fall Setup Time
tCWS
40
ns
ns
CLK Pulse Width High
ns
CLK Period
tCH
40
RD Fall to Output Data Valid
tDO
20
70
ns
RD Fall to INT High Delay
tINT1
100
ns
CS Fall to Output Data Valid
tDO2
110
ns
CLOAD = 20pF, Figure 1
CLOAD = 20pF, Figure 1
CLOAD = 20pF, Figure 1
tCP
208
CLK Pulse Width Low
tCL
40
ns
Data Valid to WR Rise Time
tDS
40
ns
WR Rise to Data Valid Hold Time
tDH
0
ns
CLK Fall to WR Hold Time
tCWH
40
ns
CS to CLK or WR Setup Time
tCSWS
60
ns
CLK or WR to CS Hold Time
tCSWH
0
ns
CS Pulse Width
tCS
100
ns
WR Pulse Width (Note 8)
tWR
60
ns
tTC
20
100
ns
CLOAD = 20pF, Figure 1
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
CS Rise to Output Disable
Note 1: Tested at VDD = +3V, COM = GND, unipolar single-ended input mode.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after offset and gain errors have
been removed.
Note 3: Offset nulled.
Note 4: On channel is grounded; sine wave applied to off channels.
Note 5: Conversion time is defined as the number of clock cycles times the clock period; clock has a 50% duty cycle.
Note 6: Input voltage range referenced to negative input. The absolute range for the analog inputs is from GND to VDD.
Note 7: External load should not change during conversion for specified accuracy.
Note 8: When bit 5 is set low for internal acquisition, WR must not return low until after the first falling clock edge of the conversion.
TIMING CHARACTERISTICS
(VDD = +2.7V to +3.6V, COM = GND, REFADJ = VDD, VREF = +2.5V, 4.7µF capacitor at REF pin, fCLK = 4.8MHz (50% duty cycle),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
6k
GND
GND
3k
DOUT
DOUT
VDD
a) HIGH-Z TO VOH AND VOL TO VOH
b) HIGH-Z TO VOL AND VOH TO VOL
CLOAD
20pF
CLOAD
20pF
Figure 1. Load Circuits for Enable/Disable Times


Similar Part No. - MAX1297

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX12900 MAXIM-MAX12900 Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
MAX12900 MAXIM-MAX12900 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
MAX12900 MAXIM-MAX12900_V01 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
More results

Similar Description - MAX1297

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1265 MAXIM-MAX1265 Datasheet
307Kb / 19P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1294 MAXIM-MAX1294 Datasheet
226Kb / 20P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1533; Rev 0; 9/99
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1266 MAXIM-MAX1266 Datasheet
390Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX1061 MAXIM-MAX1061 Datasheet
232Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com