Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL7472L1PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRL7472L1PBF
Description  Brushed Motor drive applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL7472L1PBF Datasheet(HTML) 3 Page - International Rectifier

  IRL7472L1PBF_15 Datasheet HTML 1Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 2Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 3Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 4Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 5Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 6Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 7Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 8Page - International Rectifier IRL7472L1PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
 
IRL7472L1TRPbF
 
3
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
February 25, 2015
D
S
G
Dynamic @ TJ = 25°C (unless otherwise specified)
   
 
 
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
232
–––
–––
S
VDS = 10V, ID = 195A
Qg
Total Gate Charge
–––
220
330
nC
ID = 195A
Qgs
Gate-to-Source Charge
–––
95
–––
VDS = 20V
Qgd
Gate-to-Drain ("Miller") Charge
–––
87
–––
VGS = 4.5V 
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
133
–––
ID = 195A, VDS =0V, VGS = 4.5V
td(on)
Turn-On Delay Time
–––
68
–––
ns
VDD = 20V
tr
Rise Time
–––
176
–––
ID = 30A
td(off)
Turn-Off Delay Time
–––
174
–––
RG = 2.7
tf
Fall Time
–––
137
–––
VGS = 4.5V 
Ciss
Input Capacitance
––– 20082 –––
pF
VGS = 0V
Coss
Output Capacitance
––– 2436 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
––– 1594 –––
ƒ = 10kHz
Coss eff. (ER) Effective Output Capacitance (Energy Related)
––– 2855 –––
VGS = 0V, VDS = 0V to 32V 
Coss eff. (TR) Effective Output Capacitance (Time Related)
––– 3544 –––
VGS = 0V, VDS = 0V to 32V 
Notes:

Package limit current based on source connection technology

Repetitive rating; pulse width limited by max. junction temperature.
Limited by TJmax, starting TJ = 25°C, L = 0.016mH, RG = 50, IAS = 195A, VGS =10V.
ISD ≤ 195A, di/dt ≤ 984A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.

Pulse width ≤ 400µs; duty cycle ≤ 2%.

Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.

Coss eff. (ER) is a fixed capacitance that gives the
same energy as Coss while VDS is rising from 0 to 80% VDSS.

Ris measured at TJ approximately 90°C.
Limited by TJmax, starting TJ = 25°C, L = 1.0mH, RG = 50, IAS = 39A, VGS =10V.
Silicon limit current based on maximum allowable junction temperature TJmax.
Diode Characteristics
  
 
 
 
Symbol
Parameter
Min. Typ.
Max. Units
Conditions
IS
Continuous Source Current
–––
–––
341
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
1500
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.2
V
TJ= 25°C, IS =195A, VGS = 0V
dv/dt
Peak Diode Recovery 
–––
1.3
–––
V/ns
TJ =175°C, IS =195A,
VDS = 40V
trr
Reverse Recovery Time
–––
57
–––
ns
TJ = 25° C VR = 34V,
–––
58
–––
TJ = 125°C IF = 195A
Qrr
Reverse Recovery Charge
–––
103
–––
nC
TJ = 25°C di/dt = 100A/µs 
–––
114
–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
3.1
–––
A
TJ = 25°C


Similar Part No. - IRL7472L1PBF_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRL7472L1PBF INFINEON-IRL7472L1PBF Datasheet
534Kb / 12P
   DirectFET짰 N-Channel Power MOSFET
2016-8-9
More results

Similar Description - IRL7472L1PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com