Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL8114PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRL8114PBF
Description  Optimized for UPS/Inverter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL8114PBF Datasheet(HTML) 5 Page - International Rectifier

  IRL8114PBF Datasheet HTML 1Page - International Rectifier IRL8114PBF Datasheet HTML 2Page - International Rectifier IRL8114PBF Datasheet HTML 3Page - International Rectifier IRL8114PBF Datasheet HTML 4Page - International Rectifier IRL8114PBF Datasheet HTML 5Page - International Rectifier IRL8114PBF Datasheet HTML 6Page - International Rectifier IRL8114PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
 
IRL8114PbF
5
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
March 11, 2015
Fig 13. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 14a. Unclamped Inductive Test Circuit
R G
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
Fig 15a. Switching Time Test Circuit
Fig 16a. Gate Charge Test Circuit
tp
V(BR)DSS
IAS
Fig 14b. Unclamped Inductive Waveforms
Fig 15b. Switching Time Waveforms
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 16b. Gate Charge Waveform
VDD 
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc


Similar Part No. - IRL8114PBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRL8114 ISC-IRL8114 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IRL8114PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLB8721PBF IRF-IRLB8721PBF_15 Datasheet
272Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8743PBF IRF-IRLB8743PBF_15 Datasheet
271Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8748PBF IRF-IRLB8748PBF_15 Datasheet
270Kb / 9P
   Optimized for UPS/Inverter Applications
IRFR8314PBF IRF-IRFR8314PBF_15 Datasheet
549Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB4132PBF INFINEON-IRLB4132PBF Datasheet
2Mb / 9P
   Optimized for UPS/Inverter Applications
2019-08-14
logo
International Rectifier
IRLB8314PBF IRF-IRLB8314PBF_15 Datasheet
697Kb / 8P
   Optimized for UPS/Inverter Applications
IRLB4132PBF IRF-IRLB4132PBF Datasheet
251Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB3813PBF INFINEON-IRLB3813PBF Datasheet
248Kb / 9P
   Optimized for UPS/Inverter Applications
07/03/09
logo
International Rectifier
IRLB3813PBF IRF-IRLB3813PBF_15 Datasheet
248Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB8748PBF INFINEON-IRLB8748PBF Datasheet
270Kb / 9P
   Optimized for UPS/Inverter Applications
04/22/09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com