Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLB3034PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRLB3034PBF
Description  High Efficiency Synchronous Rectification in SMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLB3034PBF Datasheet(HTML) 6 Page - International Rectifier

  IRLB3034PBF_15 Datasheet HTML 1Page - International Rectifier IRLB3034PBF_15 Datasheet HTML 2Page - International Rectifier IRLB3034PBF_15 Datasheet HTML 3Page - International Rectifier IRLB3034PBF_15 Datasheet HTML 4Page - International Rectifier IRLB3034PBF_15 Datasheet HTML 5Page - International Rectifier IRLB3034PBF_15 Datasheet HTML 6Page - International Rectifier IRLB3034PBF_15 Datasheet HTML 7Page - International Rectifier IRLB3034PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRLB3034PbF
6
www.irf.com
Fig. 17 - Typical Recovery Current vs. dif/dt
Fig 16. Threshold Voltage vs. Temperature
Fig. 19 - Typical Stored Charge vs. dif/dt
Fig. 18 - Typical Recovery Current vs. dif/dt
Fig. 20 - Typical Stored Charge vs. dif/dt
-75 -50 -25 0
25 50 75 100 125 150 175
TJ , Temperature ( °C )
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ID = 250µA
ID = 1.0mA
ID = 1.0A
0
100
200
300
400
500
diF /dt (A/µs)
0
100
200
300
400
IF = 78A
VR = 34V
TJ = 25°C
TJ = 125°C
0
100
200
300
400
500
diF /dt (A/µs)
0
100
200
300
400
IF = 117A
VR = 34V
TJ = 25°C
TJ = 125°C
0
100
200
300
400
500
diF /dt (A/µs)
0
2
4
6
8
10
12
14
IF = 78A
VR = 34V
TJ = 25°C
TJ = 125°C
0
100
200
300
400
500
diF /dt (A/µs)
0
2
4
6
8
10
12
14
IF = 117A
VR = 34V
TJ = 25°C
TJ = 125°C


Similar Part No. - IRLB3034PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLB3034PBF IRF-IRLB3034PBF Datasheet
297Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRLB3034PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com