Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLB3813PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRLB3813PBF
Description  Optimized for UPS/Inverter Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLB3813PBF Datasheet(HTML) 5 Page - International Rectifier

  IRLB3813PBF_15 Datasheet HTML 1Page - International Rectifier IRLB3813PBF_15 Datasheet HTML 2Page - International Rectifier IRLB3813PBF_15 Datasheet HTML 3Page - International Rectifier IRLB3813PBF_15 Datasheet HTML 4Page - International Rectifier IRLB3813PBF_15 Datasheet HTML 5Page - International Rectifier IRLB3813PBF_15 Datasheet HTML 6Page - International Rectifier IRLB3813PBF_15 Datasheet HTML 7Page - International Rectifier IRLB3813PBF_15 Datasheet HTML 8Page - International Rectifier IRLB3813PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRLB3813PbF
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 10. Threshold Voltage vs. Temperature
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
50
100
150
200
250
300
Limited By Package
-75 -50 -25 0 25 50 75 100 125 150 175 200
TJ , Temperature ( °C )
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ID = 150µA
ID = 1.0mA
ID = 1.0A
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci
i
/Ri
Ci=
τi/Ri
τ
τ
C
τ
4
τ
4
R
4
R
4
Ri (°C/W)
τi (sec)
0.4985
0.004600
0.0022
8.246580
0.0001
6.149340
0.1392
0.000300


Similar Part No. - IRLB3813PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLB3813PBF IRF-IRLB3813PBF Datasheet
248Kb / 9P
   HEXFET Power MOSFET
logo
Infineon Technologies A...
IRLB3813PBF INFINEON-IRLB3813PBF Datasheet
248Kb / 9P
   Optimized for UPS/Inverter Applications
07/03/09
More results

Similar Description - IRLB3813PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLB8721PBF IRF-IRLB8721PBF_15 Datasheet
272Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8743PBF IRF-IRLB8743PBF_15 Datasheet
271Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8748PBF IRF-IRLB8748PBF_15 Datasheet
270Kb / 9P
   Optimized for UPS/Inverter Applications
IRFR8314PBF IRF-IRFR8314PBF_15 Datasheet
549Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB4132PBF INFINEON-IRLB4132PBF Datasheet
2Mb / 9P
   Optimized for UPS/Inverter Applications
2019-08-14
logo
International Rectifier
IRL8114PBF IRF-IRL8114PBF_15 Datasheet
429Kb / 7P
   Optimized for UPS/Inverter Applications
IRLB8314PBF IRF-IRLB8314PBF_15 Datasheet
697Kb / 8P
   Optimized for UPS/Inverter Applications
IRLB4132PBF IRF-IRLB4132PBF Datasheet
251Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB3813PBF INFINEON-IRLB3813PBF Datasheet
248Kb / 9P
   Optimized for UPS/Inverter Applications
07/03/09
IRLB8748PBF INFINEON-IRLB8748PBF Datasheet
270Kb / 9P
   Optimized for UPS/Inverter Applications
04/22/09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com