Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLH5030PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRLH5030PBF
Description  Secondary Side Synchronous Rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLH5030PBF Datasheet(HTML) 5 Page - International Rectifier

  IRLH5030PBF_15 Datasheet HTML 1Page - International Rectifier IRLH5030PBF_15 Datasheet HTML 2Page - International Rectifier IRLH5030PBF_15 Datasheet HTML 3Page - International Rectifier IRLH5030PBF_15 Datasheet HTML 4Page - International Rectifier IRLH5030PBF_15 Datasheet HTML 5Page - International Rectifier IRLH5030PBF_15 Datasheet HTML 6Page - International Rectifier IRLH5030PBF_15 Datasheet HTML 7Page - International Rectifier IRLH5030PBF_15 Datasheet HTML 8Page - International Rectifier IRLH5030PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRLH5030PbF
5
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 19, 2015
Fig 13. Maximum Avalanche Energy vs. Drain Current
Fig 12. On-Resistance vs. Gate Voltage
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
500
600
700
800
900
1000
ID
TOP
5.5A
12A
BOTTOM 50A
0
2
4
6
8
10 12 14 16 18 20
VGS, Gate -to -Source Voltage (V)
5
10
15
20
25
ID = 50A
TJ = 25°C
TJ = 125°C
Fig 14. Typical Avalanche Current vs. Pulsewidth
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
0.1
1
10
100
1000
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
ΔΤj = 25°C and
Tstart = 125°C.
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
ΔTj = 125°C and
Tstart =25°C (Single Pulse)


Similar Part No. - IRLH5030PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLH5030PBF IRF-IRLH5030PBF Datasheet
253Kb / 8P
   Secondary Side Synchronous Rectification
More results

Similar Description - IRLH5030PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5104PBF IRF-IRFH5104PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5204PBF IRF-IRFH5204PBF_15 Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com