Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLHM620PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLHM620PBF
Description  Battery Operated DC Motor Inverter MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLHM620PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLHM620PBF Datasheet HTML 1Page - International Rectifier IRLHM620PBF Datasheet HTML 2Page - International Rectifier IRLHM620PBF Datasheet HTML 3Page - International Rectifier IRLHM620PBF Datasheet HTML 4Page - International Rectifier IRLHM620PBF Datasheet HTML 5Page - International Rectifier IRLHM620PBF Datasheet HTML 6Page - International Rectifier IRLHM620PBF Datasheet HTML 7Page - International Rectifier IRLHM620PBF Datasheet HTML 8Page - International Rectifier IRLHM620PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Notes
 through … are on page 9
3.3mm x 3.3mm PQFN
3
2
1
8
7
6
5
4
D
D
D
D
S
S
S
G
Applications
Battery Operated DC Motor Inverter MOSFET
Secondary Side Synchronous Rectification MOSFET
Features and Benefits
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 4.5V
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 4.5V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
g
PD @TC(Bottom) = 25°C
Power Dissipation
g
Linear Derating Factor
g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
V
W
A
°C
Max.
26
40
160
±12
20
21
40
-55 to + 150
2.7
0.022
37
Features
Benefits
Low RDSon (<2.5m
Ω)
Lower Conduction Losses
Low Thermal Resistance to PCB (<3.4°C/W)
Enable better thermal dissipation
Low Profile (<1.0mm)
results in Increased Power Density
Industry-Standard Pinout
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability
IRLHM620PbF
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
May 29, 2014
Note
Form
Quantity
IRLHM620TRPBF
PQFN 3.3mm x 3.3mm
Tape and Reel
4000
IRLHM620TR2PBF
PQFN 3.3mm x 3.3mm
Tape and Reel
400
EOL notice #259
Orderable part number
Package Type
Standard Pack
VDS
20
V
VGS max
±12
V
RDS(on) max
(@VGS = 4.5V)
2.5
m
Ω
RDS(on) max
(@VGS = 2.5V)
3.5
m
Ω
Qg (typical)
52
nC
ID
(@Tc(Bottom) = 25°C)
40h
A


Similar Part No. - IRLHM620PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLHM620PBF IRF-IRLHM620PBF Datasheet
222Kb / 8P
   HEXFETPower MOSFET
More results

Similar Description - IRLHM620PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLTS6342TRPBF IRF-IRLTS6342TRPBF Datasheet
232Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6342TRPBF IRF-IRL6342TRPBF Datasheet
273Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6372PBF IRF-IRL6372PBF Datasheet
278Kb / 8P
   Battery operated DC motor inverter MOSFET
IRFHM830PBF IRF-IRFHM830PBF Datasheet
234Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM630PBF IRF-IRLHM630PBF Datasheet
266Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRF6201PBF IRF-IRF6201PBF_15 Datasheet
252Kb / 9P
   Battery operated DC motor inverter MOSFET
IRFH5300PBF IRF-IRFH5300PBF_15 Datasheet
266Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRL6342PBF IRF-IRL6342PBF_15 Datasheet
273Kb / 8P
   BATTERY OPERATED DC MOTOR INVERTER MOSFET
logo
Infineon Technologies A...
IRFHM830PBF INFINEON-IRFHM830PBF_V01 Datasheet
865Kb / 10P
   Battery Operated DC Motor Inverter MOSFET
2021-03-17
logo
International Rectifier
IRLHM630PBF IRF-IRLHM630PBF_15 Datasheet
241Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com