Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1482 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1482
Description  20A, 1.8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1482 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1482 Datasheet HTML 1Page - Maxim Integrated Products MAX1482 Datasheet HTML 2Page - Maxim Integrated Products MAX1482 Datasheet HTML 3Page - Maxim Integrated Products MAX1482 Datasheet HTML 4Page - Maxim Integrated Products MAX1482 Datasheet HTML 5Page - Maxim Integrated Products MAX1482 Datasheet HTML 6Page - Maxim Integrated Products MAX1482 Datasheet HTML 7Page - Maxim Integrated Products MAX1482 Datasheet HTML 8Page - Maxim Integrated Products MAX1482 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX1482 and MAX1483 are low-power trans-
ceivers for RS-485 and RS-422 communication. Both
feature slew-rate-limited drivers that minimize EMI and
reduce reflections caused by improperly terminated
cables. Data rates are guaranteed up to 250kbps.
The MAX1482/MAX1483 draw only 20µA of supply cur-
rent. Additionally, they have a low-current shutdown
mode that consumes only 0.1µA. Both parts operate
from a single +5V supply.
Drivers are short-circuit current limited and are protect-
ed against excessive power dissipation by thermal
shutdown circuitry that places the driver outputs into a
high-impedance state. The receiver input has a fail-safe
feature that guarantees a logic-high output if the input
is open circuit.
The MAX1482 is full duplex and the MAX1483 is half
duplex. Both parts have a 18-unit-load input impedance
that guarantees up to 256 transceivers on the bus.
________________________Applications
Low-Power RS-485/RS-422 Networks
Transceivers for EMI-Sensitive Applications
Industrial-Control Local Area Networks
Large 256-Node LANs
____________________________Features
o Low 20µA Operating Current
o Slew-Rate Limited for Reduced EMI and
Reduced Reflections
o 0.1µA Low-Current Shutdown Mode
o Designed for RS-485 and RS-422 Applications
o Operate from a Single +5V Supply
o -7V to +12V Common-Mode Input Voltage Range
o Allows up to 256 Transceivers on the Bus—
Guaranteed (18-unit load)
o Current Limiting and Thermal Shutdown for
Driver Overload Protection
______________Ordering Information
20µA, 18-Unit-Load, Slew-Rate-Limited
RS-485 Transceivers
________________________________________________________________
Maxim Integrated Products
1
TOP VIEW
1
2
3
4
8
7
6
5
VCC
B
A
GND
DI
DE
RE
RO
DIP/SO
R
D
1
2
3
4
8
7
6
5
VCC
A
GND
DE
RE
B
RO
µMAX
DI
MAX1483
_________________Pin Configurations
MAX1483
NOTE: PIN LABELS Y AND Z ON TIMING, TEST, AND WAVEFORM
DIAGRAMS REFER TO PINS A AND B WHEN DE IS HIGH.
TYPICAL OPERATING CIRCUIT SHOWN WITH DIP/SO PACKAGE.
1
2
3
4
8
5
VCC
+5V
GND
DI
DE
RE
RO
R
D
Rt
Rt
7
6
D
R
DE
RE
DI
RO
A
B
B
A
_________Typical Operating Circuits
Call toll free 1-800-998-8800 for free samples or literature.
19-0367; Rev 0; 2/95
PART
MAX1482CPD
MAX1482CSD
MAX1482EPD
-40°C to +85°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
14 Plastic DIP
14 SO
14 Plastic DIP
MAX1482ESD
-40°C to +85°C
14 SO
MAX1483CPA
0°C to +70°C
8 Plastic DIP
MAX1483CSA
0°C to +70°C
8 SO
MAX1483CUA
0°C to +70°C
8 µMAX
MAX1483EPA
-40°C to +85°C
8 Plastic DIP
MAX1483ESA
-40°C to +85°C
8 SO
MAX1482 appears at end of data sheet.
MAX1482 appears at end of data sheet.


Similar Part No. - MAX1482

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1482 MAXIM-MAX1482 Datasheet
595Kb / 14P
   20μA, 1⁄8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
Rev 1; 5/06
MAX14820 MAXIM-MAX14820 Datasheet
2Mb / 29P
   IO-Link Device Transceiver
Rev 4; 1/12
MAX14820 MAXIM-MAX14820 Datasheet
1Mb / 13P
   IO-Link-Compliant Device Transceiver
Rev 1; 3/15
MAX14820ETG++ MAXIM-MAX14820ETG+ Datasheet
2Mb / 29P
   IO-Link Device Transceiver
Rev 4; 1/12
MAX14820EVKIT MAXIM-MAX14820EVKIT Datasheet
1Mb / 13P
   IO-Link-Compliant Device Transceiver
Rev 1; 3/15
More results

Similar Description - MAX1482

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1482 MAXIM-MAX1482_06 Datasheet
595Kb / 14P
   20μA, 1⁄8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
Rev 1; 5/06
logo
Analog Devices
ADM489 AD-ADM489_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM488 AD-ADM488_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
TECH PUBLIC Electronics...
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com