Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1491 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1491
Description  3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1491 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1491 Datasheet HTML 1Page - Maxim Integrated Products MAX1491 Datasheet HTML 2Page - Maxim Integrated Products MAX1491 Datasheet HTML 3Page - Maxim Integrated Products MAX1491 Datasheet HTML 4Page - Maxim Integrated Products MAX1491 Datasheet HTML 5Page - Maxim Integrated Products MAX1491 Datasheet HTML 6Page - Maxim Integrated Products MAX1491 Datasheet HTML 7Page - Maxim Integrated Products MAX1491 Datasheet HTML 8Page - Maxim Integrated Products MAX1491 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
3.5- and 4.5-Digit, Single-Chip
ADCs with LCD Drivers
_______________________________________________________________________________________
5
MAX1493/MAX1495 (
±200mV INPUT RANGE)
INL vs. DISPLAY COUNT
DISPLAY COUNT
10,000
0
-10,000
-0.5
0
0.5
1.0
-1.0
-20,000
20,000
MAX1493/MAX1495 (
±2V INPUT RANGE)
INL vs. DISPLAY COUNT
DISPLAY COUNT
10,000
0
-10,000
-0.5
0
0.5
1.0
-1.0
-20,000
20,000
NOISE DISTRIBUTION
NOISE (COUNTS)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-0.1
5
10
15
20
25
0
-0.2
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.75
4.25
3.75
3.25
100
200
300
400
500
600
700
0
2.75
5.25
ANALOG SUPPLY
DIGITAL SUPPLY
MAX1493/MAX1495
GAIN ERROR vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.75
4.25
3.25
3.75
-0.08
-0.04
-0.06
-0.02
0
0.02
0.04
0.06
0.08
-0.10
2.75
5.25
MAX1493/MAX1495
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
60
50
30
40
20
10
-0.09
-0.08
-0.07
-0.06
-0.05
-0.04
-0.03
-0.02
-0.01
0
-0.10
070
Typical Operating Characteristics
(AVDD = DVDD = 5V, GND = 0, REF+ = 2.048V, REF- = GND, RANGE = DVDD, TA = +25°C.)


Similar Part No. - MAX1491

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14912 MAXIM-MAX14912 Datasheet
733Kb / 30P
   Low Power and Heat Dissipation
Rev 3; 8/16
MAX14912 MAXIM-MAX14912 Datasheet
783Kb / 8P
   High speed Push-Pull Digital Output
Rev 0; 5/18
MAX14912 MAXIM-MAX14912 Datasheet
5Mb / 24P
   Reverse-Voltage Protection
Rev 0; 3/16
MAX14912EVKIT MAXIM-MAX14912EVKIT Datasheet
5Mb / 24P
   Reverse-Voltage Protection
Rev 0; 3/16
MAX14912PMB MAXIM-MAX14912PMB Datasheet
783Kb / 8P
   High speed Push-Pull Digital Output
Rev 0; 5/18
More results

Similar Description - MAX1491

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1492 MAXIM-MAX1492 Datasheet
748Kb / 35P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 3; 5/04
MAX1491 MAXIM-MAX1491_V01 Datasheet
489Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
MAX1492 MAXIM-MAX1492_V01 Datasheet
485Kb / 34P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2010
MAX1447 MAXIM-MAX1447 Datasheet
907Kb / 24P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers
Rev 0; 1/04
MAX1497 MAXIM-MAX1497 Datasheet
665Kb / 33P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Rev 1a; 2/04
logo
NXP Semiconductors
PCF2119X NXP-PCF2119X_11 Datasheet
1Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 9-14 April 2011
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
logo
List of Unclassifed Man...
35BD050 ETC1-35BD050 Datasheet
75Kb / 1P
   3.5 DIGIT LCD GLASS PANEL
logo
DATEL, Inc.
PM-35LC-ADV-04 DATEL-PM-35LC-ADV-04 Datasheet
154Kb / 1P
   3.5 Digit LCD Backlit Black
PM-35LC-ADV-02 DATEL-PM-35LC-ADV-02 Datasheet
155Kb / 1P
   3.5 Digit LCD Backlit Green
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com