Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLIZ34NPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLIZ34NPBF
Description  ADVANCED PROCESS TECHNOLOGY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLIZ34NPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLIZ34NPBF_15 Datasheet HTML 1Page - International Rectifier IRLIZ34NPBF_15 Datasheet HTML 2Page - International Rectifier IRLIZ34NPBF_15 Datasheet HTML 3Page - International Rectifier IRLIZ34NPBF_15 Datasheet HTML 4Page - International Rectifier IRLIZ34NPBF_15 Datasheet HTML 5Page - International Rectifier IRLIZ34NPBF_15 Datasheet HTML 6Page - International Rectifier IRLIZ34NPBF_15 Datasheet HTML 7Page - International Rectifier IRLIZ34NPBF_15 Datasheet HTML 8Page - International Rectifier IRLIZ34NPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
IRLIZ34NPbF
PD - 95455
6/23/04
VDSS = 55V
RDS(on) = 0.035Ω
ID = 22A
S
D
G
TO-220 FULLPAK
l
Logic-Level Gate Drive
l
Advanced Process Technology
l
Isolated Package
l
High Voltage Isolation = 2.5KVRMS …
l
Sink to Lead Creepage Dist. = 4.8mm
l
Fully Avalanche Rated
l
Lead-Free
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
––––
4.1
RθJA
Junction-to-Ambient
––––
––––
65
°C/W
Thermal Resistance
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
22
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
15
A
IDM
Pulsed Drain Current †
110
PD @TC = 25°C
Power Dissipation
37
W
Linear Derating Factor
0.24
W/°C
VGS
Gate-to-Source Voltage
±16
V
EAS
Single Pulse Avalanche Energy ‚†
110
mJ
IAR
Avalanche Current†
16
A
EAR
Repetitive Avalanche Energy†
3.7
mJ
dv/dt
Peak Diode Recovery dv/dt Ġ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Description
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
device for use in a wide variety of applications.
The TO-220 Fullpak eliminates the need for additional
insulating hardware in commercial-industrial applications.
The moulding compound used provides a high isolation
capability and a low thermal resistance between the tab
and external heatsink. This isolation is equivalent to using
a 100 micron mica barrier with standard TO-220 product.
The Fullpak is mounted to a heatsink using a single clip or
by a single screw fixing.


Similar Part No. - IRLIZ34NPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLIZ34NPBF IRF-IRLIZ34NPBF Datasheet
255Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRLIZ34NPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com