Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1491CAI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1491CAI
Description  3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1491CAI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1491CAI Datasheet HTML 1Page - Maxim Integrated Products MAX1491CAI Datasheet HTML 2Page - Maxim Integrated Products MAX1491CAI Datasheet HTML 3Page - Maxim Integrated Products MAX1491CAI Datasheet HTML 4Page - Maxim Integrated Products MAX1491CAI Datasheet HTML 5Page - Maxim Integrated Products MAX1491CAI Datasheet HTML 6Page - Maxim Integrated Products MAX1491CAI Datasheet HTML 7Page - Maxim Integrated Products MAX1491CAI Datasheet HTML 8Page - Maxim Integrated Products MAX1491CAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
General Description
The MAX1491/MAX1493/MAX1495 low-power, 3.5- and
4.5-digit, analog-to-digital converters (ADCs) with inte-
grated liquid crystal display (LCD) drivers operate from a
single 2.7V to 5.25V power supply. They include an inter-
nal reference, a high-accuracy on-chip oscillator, and a
triplexed LCD driver. An internal charge pump generates
the negative supply needed to power the integrated input
buffer for single supply operation. The ADC is config-
urable for either a ±2V or ±200mV input range and it out-
puts its conversion results to an LCD. The MAX1491 is a
3.5-digit (±1,999 count) device, and the MAX1493/
MAX1495 are 4.5-digit (±19,999 count) devices.
The MAX1491/MAX1493/MAX1495 do not require exter-
nal-precision integrating or auto-zero capacitors, crys-
tal oscillators, charge pumps or other circuitry required
with dual slope ADCs (commonly used in panel meter
circuits). These devices also feature on-chip buffers for
the differential signal and reference inputs, allowing
direct interface with high-impedance signal sources. In
addition, the MAX1491/MAX1493/MAX1495 use contin-
uous internal offset calibration, and offer >100dB rejec-
tion of 50Hz and 60Hz line noise. The MAX1493/
MAX1495 perform enhanced offset calibration at
power-up. The MAX1495 also performs enhanced cali-
bration on demand. Other features include data hold
and peak hold, and a user programmable low-battery
monitor.
The MAX1493/MAX1495 come in a 32-pin 7mm 7mm
TQFP package, and the MAX1491 comes in 28-pin
SSOP and 28-pin DIP packages. All devices in this fam-
ily operate over the 0°C to +70°C commercial tempera-
ture range.
Applications
Digital Panel Meters
Hand-Held Meters
Digital Voltmeters
Digital Multimeters
Features
o High Resolution
MAX1495: 4.5 Digits (±19,999 Count)
MAX1493: 4.5 Digits (±19,999 Count)
MAX1491: 3.5 Digits (±1999 Count)
o Sigma-Delta ADC Architecture
No Integrating Capacitors Required
No Autozeroing Capacitors Required
>100dB of Simultaneous 50Hz and 60Hz Rejection
o Operate from a Single 2.7V or 5.25V Supply
o Selectable Input Range of ±200mV or ±2V
o Selectable Voltage Reference: Internal 2.048V or
External
o Internal High-Accuracy Oscillator Needs No
External Components
o Automatic Offset Calibration
o Low Power: Maximum 980µA Operating Current
o Small 32-Pin 7mm 7mm TQFP Package (4.5
Digits), 28-Pin SSOP Package (3.5 Digits), and 28-
Pin DIP Package (3.5 Digits)
o Triplexed LCD Driver
o Evaluation Kit Available (Order MAX1494EVKIT)
3.5- and 4.5-Digit, Single-Chip
ADCs with LCD Drivers
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
MAX1493
MAX1495
TQFP
32
28
29
30
31
25
26
27
10
13
15
14
16
11
12
9
17
18
19
20
21
22
23 SEG12
24 SEG13
SEG11
SEG10
SEG9
SEG8
SEG7
SEG6
2
3
4
5
6
7
8
DPSET1
RANGE
LOWBATT
REF+
REF-
AIN-
AIN+
1
AVDD
PART
TEMP
RANGE
PIN-
PACKAGE
RESOLUTION
(DIGITS)
MAX1491CAI*
0
°C to +70°C 28 SSOP
3.5
MAX1491CNI
0
°C to +70°C 28 DIP
3.5
MAX1493CCJ
0
°C to +70°C 32 TQFP
4.5
MAX1495CCJ*
0
°C to +70°C 32 TQFP
4.5
Pin Configurations
Ordering Information
19-3053; Rev 0; 10/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations continued at end of data sheet.
EVALUATION
KIT
AVAILABLE
*Future product—contact factory for availability.


Similar Part No. - MAX1491CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1491CAI MAXIM-MAX1491CAI Datasheet
489Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
More results

Similar Description - MAX1491CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1492 MAXIM-MAX1492 Datasheet
748Kb / 35P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 3; 5/04
MAX1491 MAXIM-MAX1491_V01 Datasheet
489Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
MAX1492 MAXIM-MAX1492_V01 Datasheet
485Kb / 34P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2010
MAX1447 MAXIM-MAX1447 Datasheet
907Kb / 24P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers
Rev 0; 1/04
MAX1497 MAXIM-MAX1497 Datasheet
665Kb / 33P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Rev 1a; 2/04
logo
NXP Semiconductors
PCF2119X NXP-PCF2119X_11 Datasheet
1Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 9-14 April 2011
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
logo
List of Unclassifed Man...
35BD050 ETC1-35BD050 Datasheet
75Kb / 1P
   3.5 DIGIT LCD GLASS PANEL
logo
DATEL, Inc.
PM-35LC-ADV-04 DATEL-PM-35LC-ADV-04 Datasheet
154Kb / 1P
   3.5 Digit LCD Backlit Black
PM-35LC-ADV-02 DATEL-PM-35LC-ADV-02 Datasheet
155Kb / 1P
   3.5 Digit LCD Backlit Green
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com