Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1497 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1497
Description  3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1497 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1497 Datasheet HTML 4Page - Maxim Integrated Products MAX1497 Datasheet HTML 5Page - Maxim Integrated Products MAX1497 Datasheet HTML 6Page - Maxim Integrated Products MAX1497 Datasheet HTML 7Page - Maxim Integrated Products MAX1497 Datasheet HTML 8Page - Maxim Integrated Products MAX1497 Datasheet HTML 9Page - Maxim Integrated Products MAX1497 Datasheet HTML 10Page - Maxim Integrated Products MAX1497 Datasheet HTML 11Page - Maxim Integrated Products MAX1497 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
60
50
40
30
20
10
2.046
2.045
2.047
2.049
2.048
2.051
2.050
2.053
2.052
2.054
2.044
070
INTERNAL REFERENCE VOLTAGE
vs. ANALOG SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.75
4.25
3.75
3.25
2.045
2.046
2.047
2.048
2.049
2.050
2.044
2.75
5.25
3.5- and 4.5-Digit, Single-Chip ADCs with LED
Drivers and µC Interface
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(AVDD = DVDD = VDD = +2.7V to +5.25V, VLED = +2.7V to +5.25V, GND = 0, GLED = 0, external reference mode, REF+ = 2.048V,
REF- = GND, CREF+ = CREF- = 0.1µF, RANGE bit = 1, internal clock mode, CVNEG = 0.1µF. TA = +25°C, unless otherwise noted.)
MAX1499
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (°C)
60
50
10
20
30
40
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
-0.2
070
MAX1499
GAIN ERROR vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.75
4.25
3.25
3.75
-0.08
-0.04
-0.06
-0.02
0
0.02
0.04
0.06
0.08
-0.10
2.75
5.25
MAX1499
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (°C)
60
50
30
40
20
10
-0.09
-0.08
-0.07
-0.06
-0.05
-0.04
-0.03
-0.02
-0.01
0
-0.10
070
MAX1499
(±200mV INPUT RANGE) INL vs. OUTPUT CODE
OUTPUT CODE
10,000
0
-10,000
-0.5
0
0.5
1.0
-1.0
-20,000
20,000
MAX1499
(±2V INPUT RANGE) INL vs. OUTPUT CODE
OUTPUT CODE
10,000
0
-10,000
-0.5
0
0.5
1.0
-1.0
-20,000
20,000
NOISE DISTRIBUTION
NOISE (LSB)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-0.1
5
10
15
20
25
0
-0.2
DATA OUTPUT RATE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
4.92
4.98
4.96
4.94
5.00
5.02
5.04
5.06
5.08
5.10
4.90
-40
85


Similar Part No. - MAX1497

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14970 MAXIM-MAX14970 Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
MAX14970 MAXIM-MAX14970 Datasheet
1Mb / 12P
   Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14970ETP++ MAXIM-MAX14970ETP+ Datasheet
1Mb / 12P
   Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14970EVKIT MAXIM-MAX14970EVKIT Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
MAX14970EVKIT# MAXIM-MAX14970EVKIT# Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
More results

Similar Description - MAX1497

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1447 MAXIM-MAX1447 Datasheet
907Kb / 24P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers
Rev 0; 1/04
MAX1492 MAXIM-MAX1492 Datasheet
748Kb / 35P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 3; 5/04
MAX1491 MAXIM-MAX1491_V01 Datasheet
489Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
MAX1492 MAXIM-MAX1492_V01 Datasheet
485Kb / 34P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2010
MAX1491 MAXIM-MAX1491 Datasheet
723Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 0; 10/03
MAX1366 MAXIM-MAX1366 Datasheet
937Kb / 36P
   Microcontroller-Interface, 4.5-/3.5-Digit Panel Meters with 4??0mA Output
Rev 0; 1/06
logo
NXP Semiconductors
NE594 PHILIPS-NE594 Datasheet
97Kb / 6P
   Digit and/or segment drivers
August 31, 1994
logo
Fairchild Semiconductor
FAN5622 FAIRCHILD-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
logo
ON Semiconductor
FAN5622 ONSEMI-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
June, 2021 -Rev. 2
logo
Intersil Corporation
ICM7211 INTERSIL-ICM7211 Datasheet
83Kb / 12P
   4-Digit, ICM7211 (LCD) and ICM7212 (LED) Display Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com