Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1497 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1497
Description  3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1497 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1497 Datasheet HTML 1Page - Maxim Integrated Products MAX1497 Datasheet HTML 2Page - Maxim Integrated Products MAX1497 Datasheet HTML 3Page - Maxim Integrated Products MAX1497 Datasheet HTML 4Page - Maxim Integrated Products MAX1497 Datasheet HTML 5Page - Maxim Integrated Products MAX1497 Datasheet HTML 6Page - Maxim Integrated Products MAX1497 Datasheet HTML 7Page - Maxim Integrated Products MAX1497 Datasheet HTML 8Page - Maxim Integrated Products MAX1497 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
3.5- and 4.5-Digit, Single-Chip ADCs with LED
Drivers and µC Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to GND (MAX1499).........................................-0.3V to +6V
DVDD to GND (MAX1499) ........................................-0.3V to +6V
AIN+, AIN- to GND (MAX1499) ...........VNEG to (AVDD to +0.3V)
REF+, REF- to GND (MAX1499) ......... VNEG to (AVDD to +0.3V)
LOWBATT to GND (MAX1499) ................-0.3V to (AVDD + 0.3V)
CLK, EOC, CS, DIN, SCLK,
DOUT to GND (MAX1499) .......................-0.3V to (DVDD + 0.3V)
VNEG to GND (MAX1499) .......................-2.6V to (AVDD + 0.3V)
LED_EN to GND (MAX1499)....................-0.3V to (DVDD + 0.3V)
ISET to GND (MAX1499)..........................-0.3V to (AVDD + 0.3V)
VDD to GND (MAX1497) ...........................................-0.3V to +6V
AIN+, AIN- to GND (MAX1497)..............VNEG to (VDD to +0.3V)
REF+, REF- to GND (MAX1497) ........... VNEG to (VDD to +0.3V)
CLK, EOC, CS, DIN, SCLK,
DOUT to GND (MAX1497)..........................-0.3V to (VDD + 0.3V)
VNEG to GND (MAX1497)..........................-2.6V to (VDD + 0.3V)
ISET to GND (MAX1497) ............................-0.3V to (VDD + 0.3V)
VLED to GLED ..........................................................-0.3V to +6V
GLED to GND ........................................................-0.3V to +0.3V
SEG_ to GLED..........................................-0.3V to (VLED + 0.3V)
DIG_ to GLED ..........................................-0.3V to (VLED + 0.3V)
DIG_ Sink Current .............................................................300mA
DIG_ Source Current...........................................................50mA
SEG_ Sink Current ..............................................................50mA
SEG_ Source Current..........................................................50mA
Maximum Current Input into Any Other Pin ........................50mA
Continuous Power Dissipation (TA = +70°C)
32-Pin TQFP (derate 20.7mW/°C above +70°C).....1652.9mW
28-Pin SSOP (derate 9.5mW/°C above +70°C) ...........762mW
28-Pin PDIP (derate 14.3mW/°C above +70°C)......1142.9mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(AVDD = DVDD = VDD = +2.7V to +5.25V, GND = 0, GLED = 0, VLED = +2.7V to +5.25V, VREF+ - VREF- = 2.048V (external reference)
CREF+ = CREF- = 0.1µF, CVNEG = 0.1µF. Internal clock mode, unless otherwise noted. All specifications are at TA = TMIN to TMAX.
Typical values are at TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
MAX1499
-19,999
+19,999
Noise-Free Resolution
MAX1497
-1999
+1999
Count
2.000V range
±1
Integral Nonlinearity (Note 1)
INL
200mV range
±1
Count
Range Change Ratio
(VAIN+ - VAIN- = 0.100V) on 200mV range
(VAIN+ - VAIN- = 0.100V) on 2.0V range
10:1
Ratio
Rollover Error
VAIN+ - VAIN- = full scale
VAIN- - VAIN+ = full scale
±1
Count
Output Noise
10
µVP-P
Offset Error (Zero Input Reading)
Offset
VIN = 0 (Note 2)
-0
0
Reading
Gain Error
(Note 3)
-0.5
+0.5
%FSR
Offset Drift (Zero Reading Drift)
VIN = 0 (Note 4)
0.1
µV/°C
Gain Drift
±1
ppm/°C
INPUT CONVERSION RATE
External-Clock Frequency
4.9152
MHz
External-Clock Duty Cycle
40
60
%
Internal clock
5
Conversion Rate
External clock, fCLK = 4.9152MHz
5
Hz


Similar Part No. - MAX1497

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14970 MAXIM-MAX14970 Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
MAX14970 MAXIM-MAX14970 Datasheet
1Mb / 12P
   Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14970ETP++ MAXIM-MAX14970ETP+ Datasheet
1Mb / 12P
   Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14970EVKIT MAXIM-MAX14970EVKIT Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
MAX14970EVKIT# MAXIM-MAX14970EVKIT# Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
More results

Similar Description - MAX1497

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1447 MAXIM-MAX1447 Datasheet
907Kb / 24P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers
Rev 0; 1/04
MAX1492 MAXIM-MAX1492 Datasheet
748Kb / 35P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 3; 5/04
MAX1491 MAXIM-MAX1491_V01 Datasheet
489Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
MAX1492 MAXIM-MAX1492_V01 Datasheet
485Kb / 34P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2010
MAX1491 MAXIM-MAX1491 Datasheet
723Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 0; 10/03
MAX1366 MAXIM-MAX1366 Datasheet
937Kb / 36P
   Microcontroller-Interface, 4.5-/3.5-Digit Panel Meters with 4??0mA Output
Rev 0; 1/06
logo
NXP Semiconductors
NE594 PHILIPS-NE594 Datasheet
97Kb / 6P
   Digit and/or segment drivers
August 31, 1994
logo
Fairchild Semiconductor
FAN5622 FAIRCHILD-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
logo
ON Semiconductor
FAN5622 ONSEMI-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
June, 2021 -Rev. 2
logo
Intersil Corporation
ICM7211 INTERSIL-ICM7211 Datasheet
83Kb / 12P
   4-Digit, ICM7211 (LCD) and ICM7212 (LED) Display Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com