Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1483CPA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1483CPA
Description  20A, 1.8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1483CPA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1483CPA Datasheet HTML 4Page - Maxim Integrated Products MAX1483CPA Datasheet HTML 5Page - Maxim Integrated Products MAX1483CPA Datasheet HTML 6Page - Maxim Integrated Products MAX1483CPA Datasheet HTML 7Page - Maxim Integrated Products MAX1483CPA Datasheet HTML 8Page - Maxim Integrated Products MAX1483CPA Datasheet HTML 9Page - Maxim Integrated Products MAX1483CPA Datasheet HTML 10Page - Maxim Integrated Products MAX1483CPA Datasheet HTML 11Page - Maxim Integrated Products MAX1483CPA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
20µA, 18-Unit-Load, Slew-Rate-Limited
RS-485 Transceivers
______________________________________________________________________________________
11
120
120
R
D
RO
RE
DE
DI
A
B
Y
120
120
DI
DI
DI
RO
RO
RO
DE
DE
DE
RE
RE
RE
Z
Z
Z
Z
Y
Y
Y
AA
A
BB
B
D
D
D
R
R
R
NOTE: RE AND DE ON.
MAX1482
Figure 15. MAX1482 Full-Duplex RS-485 Network
Figure 16. Line Repeater for MAX1482
120
120
DATA IN
DATA OUT
R
D
RO
RE
DE
DI
A
B
Z
Y
NOTE: RE AND DE ON.
MAX1482
Rt
Rt
DE
VCC
RE GND
VCC RE
GND
DE
RO
DI
9
10
12
11
B
A
Z
Y
5
RO
N.C.
DI
2
1, 8, 13
3
6, 7
14
4
D
RD
R
MAX1482
Typical Operating Circuits
________________________(continued)


Similar Part No. - MAX1483CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1483CPA MAXIM-MAX1483CPA Datasheet
595Kb / 14P
   20μA, 1⁄8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
Rev 1; 5/06
More results

Similar Description - MAX1483CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1482 MAXIM-MAX1482_06 Datasheet
595Kb / 14P
   20μA, 1⁄8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers
Rev 1; 5/06
logo
Analog Devices
ADM489 AD-ADM489_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM488 AD-ADM488_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
TECH PUBLIC Electronics...
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com