Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1493CCJ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1493CCJ
Description  3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1493CCJ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1493CCJ Datasheet HTML 3Page - Maxim Integrated Products MAX1493CCJ Datasheet HTML 4Page - Maxim Integrated Products MAX1493CCJ Datasheet HTML 5Page - Maxim Integrated Products MAX1493CCJ Datasheet HTML 6Page - Maxim Integrated Products MAX1493CCJ Datasheet HTML 7Page - Maxim Integrated Products MAX1493CCJ Datasheet HTML 8Page - Maxim Integrated Products MAX1493CCJ Datasheet HTML 9Page - Maxim Integrated Products MAX1493CCJ Datasheet HTML 10Page - Maxim Integrated Products MAX1493CCJ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
3.5- and 4.5-Digit, Single-Chip
ADCs with LCD Drivers
_______________________________________________________________________________________
7
Pin Description
PIN
MAX1491
MAX1493
MAX1495
NAME
FUNCTION
1
30
INTREF
Internal Reference Logic Input. Connect to GND to select external reference mode. Connect
to DVDD to select the internal reference mode.
231
DVDD
Digital Power Input. Connect DVDD to a 2.7V to 5.25V power supply. Bypass DVDD to GND
with a 0.1µF and a 4.7µF capacitor.
3
32
GND
Ground
41
AVDD
Analog Power Input. Connect AVDD to a 2.7V to 5.25V power supply. Bypass AVDD to GND
with a 0.1µF and a 4.7µF capacitor.
5
2
AIN+
Positive Analog Input. Positive side of fully differential analog input. Bypass AIN+ to GND with
a 0.1µF or greater capacitor.
6
3
AIN-
Negative Analog Input. Negative side of fully differential analog input. Bypass AIN- to GND
with a 0.1µF or greater capacitor.
7
4
REF-
Negative Reference Input. For internal reference operation, connect REF- to GND. For
external reference operation, bypass REF- to GND with a 0.1µF capacitor and set VREF- from
-2.2V to +2.2V, provided VREF+ > VREF-.
8
5
REF+
Positive Reference Input. For internal reference operation, connect a 4.7µF capacitor from
REF+ to GND. For external reference operation, bypass REF+ to GND with a 0.1µF capacitor
and set VREF+ from -2.2V to +2.2V, provided VREF+ > VREF-.
9
6
LOWBATT Low Battery Input. When VLOWBATT < 2.048V (typ), the LOWBATT symbol on the LCD turns on.
10
7
RANGE
Range Logic Input. RANGE controls the fully differential analog input range. Connect to GND
for the ±2V input range. Connect to DVDD for the ±200mV input range.
11
8
DPSET1
Decimal Point Logic Input 1. Controls the decimal point of the LCD. See the Decimal Point
Control section.
12
9
DPSET2
Decimal Point Logic Input 2. Controls the decimal point of the LCD. See the Decimal Point
Control section.
13
10
PEAK
Peak Logic Input. Connect to DVDD to display the highest ADC value on the LCD. Connect to
GND to disable the peak function.
14
11
HOLD
Hold Logic Input. Connect to DVDD to hold the current ADC value on the LCD. Connect to
GND to update the LCD at a rate of 2.5Hz and disable the hold function. For the MAX1495,
placing the device into hold mode initiates an enhanced offset calibration. Assert HOLD high
for a minimum of 2s to ensure the completion of enhanced offset calibration.
15
12
SEG1
LCD Segment 1 Driver
16
13
SEG2
LCD Segment 2 Driver
17
14
SEG3
LCD Segment 3 Driver
18
15
SEG4
LCD Segment 4 Driver
19
16
SEG5
LCD Segment 5 Driver
20
17
SEG6
LCD Segment 6 Driver


Similar Part No. - MAX1493CCJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1493CCJ MAXIM-MAX1493CCJ Datasheet
489Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
More results

Similar Description - MAX1493CCJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1492 MAXIM-MAX1492 Datasheet
748Kb / 35P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 3; 5/04
MAX1491 MAXIM-MAX1491_V01 Datasheet
489Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
MAX1492 MAXIM-MAX1492_V01 Datasheet
485Kb / 34P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2010
MAX1447 MAXIM-MAX1447 Datasheet
907Kb / 24P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers
Rev 0; 1/04
MAX1497 MAXIM-MAX1497 Datasheet
665Kb / 33P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Rev 1a; 2/04
logo
NXP Semiconductors
PCF2119X NXP-PCF2119X_11 Datasheet
1Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 9-14 April 2011
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
logo
List of Unclassifed Man...
35BD050 ETC1-35BD050 Datasheet
75Kb / 1P
   3.5 DIGIT LCD GLASS PANEL
logo
DATEL, Inc.
PM-35LC-ADV-04 DATEL-PM-35LC-ADV-04 Datasheet
154Kb / 1P
   3.5 Digit LCD Backlit Black
PM-35LC-ADV-02 DATEL-PM-35LC-ADV-02 Datasheet
155Kb / 1P
   3.5 Digit LCD Backlit Green
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com