Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1488 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1488
Description  짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1488 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1488 Datasheet HTML 1Page - Maxim Integrated Products MAX1488 Datasheet HTML 2Page - Maxim Integrated Products MAX1488 Datasheet HTML 3Page - Maxim Integrated Products MAX1488 Datasheet HTML 4Page - Maxim Integrated Products MAX1488 Datasheet HTML 5Page - Maxim Integrated Products MAX1488 Datasheet HTML 6Page - Maxim Integrated Products MAX1488 Datasheet HTML 7Page - Maxim Integrated Products MAX1488 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IEC1000-4-2
The IEC1000-4-2 standard covers ESD testing and per-
formance of finished equipment; it does not specifically
refer to integrated circuits. The MAX1488E helps you
design equipment that meets Level 4 (the highest level)
of IEC1000-4-2, without additional ESD-protection com-
ponents.
The major difference between tests done using the
Human Body Model and IEC1000-4-2 is higher peak
current in IEC1000-4-2. Because series resistance is
lower in the IEC1000-4-2 ESD test model (Figure 3a),
the ESD withstand voltage measured to this standard is
generally lower than that measured using the Human
Body Model. Figure 3b shows the current waveform for
the ±6kV IEC1000-4-2 Level 4 ESD Contact-Discharge
test.
The Air-Gap test involves approaching the device with
a charged probe. The Contact-Discharge method con-
nects the probe to the device before the probe is ener-
gized.
Machine Model
The Machine Model for ESD testing uses a 200pF stor-
age capacitor and zero-discharge resistance. Its objec-
tive is to mimic the stress caused by contact that
occurs with handling and assembly during manufactur-
ing. Of course, all pins (not just RS-232 inputs and out-
puts) require this protection during manufacturing.
Therefore, the Machine Model is less relevant to the I/O
ports than the Human Body Model and IEC1000-4-2.
__________Applications Information
Use proper layout to ensure other devices on your
board are not damaged in an ESD strike. Currents as
high as 60A can instantaneously pass into the ground,
so it is important to minimize the ground-lead return
path to the power supply. A separate return path to the
power supply is recommended. Trace widths should be
greater than 40 mils. VCC and VEE must be bypassed
with 0.1µF capacitors as close to the part as possible to
ensure maximum ESD protection.
±15kV ESD-Protected, Quad, Low-Power
RS-232 Line Driver
_______________________________________________________________________________________
5
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC 1M
RD 1500Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 2a. Human Body ESD Test Model
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 2b. Human Body Model Current Waveform
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC 50M to 100M
RD 330Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 3a. IEC1000-4-2 ESD Test Model
tr = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 3b. IEC1000-4-2 ESD Generator Current Waveform


Similar Part No. - MAX1488

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14880EVKIT MAXIM-MAX14880EVKIT Datasheet
577Kb / 8P
   Operates from a Single 3.3V Supply
Rev 0; 5/17
MAX14882 MAXIM-MAX14882 Datasheet
527Kb / 15P
   5kVRMS Isolated CAN Transceiver with Integrated Transformer Driver
Rev 0; 2/18
MAX14882 MAXIM-MAX14882 Datasheet
673Kb / 7P
   Operates from a Single 3.3V Supply
Rev 0; 5/18
MAX14882EVKIT MAXIM-MAX14882EVKIT Datasheet
673Kb / 7P
   Operates from a Single 3.3V Supply
Rev 0; 5/18
MAX14883E MAXIM-MAX14883E Datasheet
624Kb / 7P
   Operates from a Single 5V Supply
Rev 2; 12/18
More results

Similar Description - MAX1488

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1489E MAXIM-MAX1489E Datasheet
80Kb / 8P
   짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
Rev 0; 8/95
MAX1489E MAXIM-MAX1489E_V01 Datasheet
510Kb / 8P
   짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
19-0426; Rev 1; 2/03
logo
Analog Devices
MAX1488E AD-MAX1488E Datasheet
1Mb / 9P
   ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver
Rev 1; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com