Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML6344PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRLML6344PBF
Description  Industry-standard SOT-23 Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML6344PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRLML6344PBF Datasheet HTML 2Page - International Rectifier IRLML6344PBF Datasheet HTML 3Page - International Rectifier IRLML6344PBF Datasheet HTML 4Page - International Rectifier IRLML6344PBF Datasheet HTML 5Page - International Rectifier IRLML6344PBF Datasheet HTML 6Page - International Rectifier IRLML6344PBF Datasheet HTML 7Page - International Rectifier IRLML6344PBF Datasheet HTML 8Page - International Rectifier IRLML6344PBF Datasheet HTML 9Page - International Rectifier IRLML6344PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
December 19, 2014
IRLML6344TRPbF
Fig 13. Typical On-Resistance Vs. Drain
Current
Fig 12. Typical On-Resistance Vs. Gate
Voltage
Fig 14b. Gate Charge Test Circuit
Fig 14a. Basic Gate Charge Waveform
1K
VCC
DUT
0
L
S
20K
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
0
1
2
3
4
5
6
7
8
9 10 11 12
VGS, Gate -to -Source Voltage (V)
10
20
30
40
50
60
70
ID = 5.0A
TJ = 25°C
TJ = 125°C
0
10
20
30
40
ID, Drain Current (A)
0
20
40
60
80
Vgs = 2.5V
Vgs = 4.5V


Similar Part No. - IRLML6344PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6344PBF IRF-IRLML6344PBF Datasheet
244Kb / 10P
   HEXFETPower MOSFET
More results

Similar Description - IRLML6344PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6244PBF IRF-IRLML6244PBF_15 Datasheet
202Kb / 10P
   Industry-standard SOT-23 Package
IRLML6246PBF IRF-IRLML6246PBF_15 Datasheet
214Kb / 10P
   Industry-standard SOT-23 Package
IRLML0030PBF-1 IRF-IRLML0030PBF-1_15 Datasheet
212Kb / 9P
   Industry-standard pinout SOT-23 Package
logo
KEC(Korea Electronics)
KDR393S KEC-KDR393S_06 Datasheet
16Kb / 1P
   SOT-23 PACKAGE
KDV153 KEC-KDV153_02 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
BAV99 KEC-BAV99 Datasheet
372Kb / 1P
   SOT-23 PACKAGE
BCW31 KEC-BCW31_98 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
KTC3770S_0309 KEC-KTC3770S_0309 Datasheet
376Kb / 1P
   SOT-23 PACKAGE
BCW29 KEC-BCW29_98 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
KDS135S KEC-KDS135S Datasheet
348Kb / 1P
   SOT-23 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com