Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML6346PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLML6346PBF
Description  RoHS compliant containing no lead, no bromide and no halogen
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML6346PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLML6346PBF Datasheet HTML 1Page - International Rectifier IRLML6346PBF Datasheet HTML 2Page - International Rectifier IRLML6346PBF Datasheet HTML 3Page - International Rectifier IRLML6346PBF Datasheet HTML 4Page - International Rectifier IRLML6346PBF Datasheet HTML 5Page - International Rectifier IRLML6346PBF Datasheet HTML 6Page - International Rectifier IRLML6346PBF Datasheet HTML 7Page - International Rectifier IRLML6346PBF Datasheet HTML 8Page - International Rectifier IRLML6346PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
03/09/12
IRLML6346TRPbF
HEXFET® Power MOSFET
www.irf.com
1
ORDERING INFORMATION:
See detailed ordering and shipping information on the last page of this data sheet.
Notes
 through „ are on page 10
Application(s)
Micro3TM (SOT-23)
IRLML6346TRPbF
'
6
*



Load/ System Switch
Features and Benefits
Absolute Maximum Ratings
Symbol
Parameter
Units
VDS
Drain-Source Voltage
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
PD @TA = 25°C
Maximum Power Dissipation
PD @TA = 70°C
Maximum Power Dissipation
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
TJ, TSTG
Junction and Storage Temperature Range
°C
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RJA
Junction-to-Ambient
e
–––
100
RJA
Junction-to-Ambient (t<10s)
f
–––
99
0.8
17
W
°C/W
A
Max.
3.4
2.7
-55 to + 150
± 12
0.01
30
1.3
VDS
30
V
VGS Max
± 12
V
RDS(on) max
(@VGS = 4.5V)
63
m
RDS(on) max
(@VGS = 2.5V)
80
m
Features
Benefits
Industry-standard SOT-23 Package
results in Multi-vendor compatibility
RoHS compliant containing no lead, no bromide and no halogen
Ö
Environmentally friendly
MSL1, Consumer Qualification
Increased Reliability
PD - 97584A


Similar Part No. - IRLML6346PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6346PBF IRF-IRLML6346PBF Datasheet
218Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRLML6346PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH9310PBF IRF-IRFH9310PBF_15 Datasheet
296Kb / 9P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
IRLTS6342PBF IRF-IRLTS6342PBF_15 Datasheet
258Kb / 8P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
logo
Infineon Technologies A...
IRFH9310 INFINEON-IRFH9310 Datasheet
296Kb / 9P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
2014-08-26
logo
International Rectifier
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
IRF8308MTRPBF IRF-IRF8308MTRPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MTRPBF IRF-IRF6894MTRPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6722S1PBF IRF-IRF6722S1PBF Datasheet
270Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6718L2PBF IRF-IRF6718L2PBF_15 Datasheet
236Kb / 10P
   RoHS Compliant Containing No Lead and Bromide
IRF6726MPBF IRF-IRF6726MPBF_15 Datasheet
262Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com