Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML9301PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRLML9301PBF
Description  Compatible with existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML9301PBF Datasheet(HTML) 2 Page - International Rectifier

  IRLML9301PBF Datasheet HTML 1Page - International Rectifier IRLML9301PBF Datasheet HTML 2Page - International Rectifier IRLML9301PBF Datasheet HTML 3Page - International Rectifier IRLML9301PBF Datasheet HTML 4Page - International Rectifier IRLML9301PBF Datasheet HTML 5Page - International Rectifier IRLML9301PBF Datasheet HTML 6Page - International Rectifier IRLML9301PBF Datasheet HTML 7Page - International Rectifier IRLML9301PBF Datasheet HTML 8Page - International Rectifier IRLML9301PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLML9301TRPbF
2
www.irf.com
G
D
S
Electric Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
–––
0.02
–––
V/°C
–––
51
64
–––
82
103
VGS(th)
Gate Threshold Voltage
-1.3
–––
-2.4
V
IDSS
–––
–––
1
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
-100
Gate-to-Source Reverse Leakage
–––
–––
100
RG
Internal Gate Resistance
–––
12
–––
Ω
gfs
Forward Transconductance
5.0
–––
–––
S
Qg
Total Gate Charge
–––
4.8
–––
Qgs
Gate-to-Source Charge
–––
1.2
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
2.5
–––
td(on)
Turn-On Delay Time
–––
9.6
–––
tr
Rise Time
–––
19
–––
td(off)
Turn-Off Delay Time
–––
16
–––
tf
Fall Time
–––
15
–––
Ciss
Input Capacitance
–––
388
–––
Coss
Output Capacitance
–––
93
–––
Crss
Reverse Transfer Capacitance
–––
65
–––
Source - Drain Ratings and Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
-1.2
V
trr
Reverse Recovery Time
–––
14
21
ns
Qrr
Reverse Recovery Charge
–––
7.2
11
nC
–––
–––
–––
–––
pF
A
-1.3
-15
VDD =-15Vd
nA
nC
ns
VDS = VGS, ID = -10μA
VDS =-24V, VGS = 0V
VDS = -24V, VGS = 0V, TJ = 125°C
RDS(on)
VGS = -4.5V, ID = -2.9A d
Static Drain-to-Source On-Resistance
Drain-to-Source Leakage Current
μA
m
Ω
Conditions
VGS = 0V, ID = -250μA
Reference to 25°C, ID = -1mA
VGS = -10V, ID = -3.6A d
MOSFET symbol
showing the
VDS =-15V
Conditions
VGS = -4.5V
VGS = 0V
VDS = -25V
ƒ = 1.0KHz
RG = 6.8
Ω
VGS = -4.5V d
di/dt = 100A/μs
d
VGS = -20V
VGS = 20V
TJ = 25°C, IS = -1.3A, VGS = 0V d
integral reverse
p-n junction diode.
VDS = -10V, ID =-3.6A
ID = -3.6A
ID = -1A
TJ = 25°C, VR = -24V, IF=-1.3A


Similar Part No. - IRLML9301PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML9301TRPBF IRF-IRLML9301TRPBF Datasheet
239Kb / 10P
   HEXFET Power MOSFET
logo
ZP Semiconductor
IRLML9301TRPBF ZPSEMI-IRLML9301TRPBF Datasheet
301Kb / 2P
   HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRLML9301TRPBF VBSEMI-IRLML9301TRPBF Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
IRLML9301TRPBF TECHPUBLIC-IRLML9301TRPBF Datasheet
3Mb / 3P
   P-Channel 20-V(D-S) MOSFET
More results

Similar Description - IRLML9301PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com