Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1542 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1542
Description  TFT LCD DC-to-DC Converter with Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1542 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1542 Datasheet HTML 4Page - Maxim Integrated Products MAX1542 Datasheet HTML 5Page - Maxim Integrated Products MAX1542 Datasheet HTML 6Page - Maxim Integrated Products MAX1542 Datasheet HTML 7Page - Maxim Integrated Products MAX1542 Datasheet HTML 8Page - Maxim Integrated Products MAX1542 Datasheet HTML 9Page - Maxim Integrated Products MAX1542 Datasheet HTML 10Page - Maxim Integrated Products MAX1542 Datasheet HTML 11Page - Maxim Integrated Products MAX1542 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TFT LCD DC-to-DC Converter with
Operational Amplifiers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = 3.3V, VMAIN = 8V, fOSC = 1.2MHz, TA = +25°C, unless otherwise noted.)
STEP-UP REGULATOR
PULSED LOAD-TRANSIENT RESPONSE
MAX1542 toc16
10
µs/div
IMAIN
1A/div
IL
500mA/div
VMAIN
100mV/div
AC-COUPLED
L = 4.7
µH
RCOMP = 120k
CCOMP = 470pF
STARTUP SEQUENCE
MAX1542 toc17
1ms/div
VIN
2V/div
VMAIN
8V/div
VGOFF
5V/div
VCOM
10V/div
HEAVY-LOAD
SOFT-START WAVEFORMS
MAX1542 toc18
2ms/div
RLOAD = 10
VIN
5V/div
VMAIN
5V/div
IL
500mA/div
TIMER DELAY LATCH
RESPONSE TO OVERLOAD
MAX1542 toc19
10ms/div
IL
2A/div
VMAIN
5V/div
VOUT1
5V/div
VCOM
20V/div
OPERATIONAL AMPLIFIER
RAIL-TO-RAIL I/O PERFORMANCE
MAX1542 toc20
100
µs/div
VPOS1
5V/div
VOUT1
5V/div
VSUP = 8V
BUFFER CONFIGURATION
OPERATIONAL AMPLIFIER
LOAD-TRANSIENT RESPONSE
MAX1542 toc21
1
µs/div
VOUT1
1V/div
AC-COUPLED
4V
+50
0
-50
IOUT1
50mA/div
BUFFER CONFIGURATION
OPERATIONAL AMPLIFIER
LARGE-SIGNAL STEP RESPONSE
MAX1542 toc22
1
µs/div
VPOS1
500mV/div
AC-COUPLED
4V
VOUT1
2V/div
VSUP = 8V
AV = 10


Similar Part No. - MAX1542

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1542 MAXIM-MAX1542 Datasheet
171Kb / 6P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 6/03
More results

Similar Description - MAX1542

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A Datasheet
480Kb / 30P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8795A MAXIM-MAX8795A_12 Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX1518B MAXIM-MAX1518B Datasheet
1Mb / 25P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 0; 10/05
MAX8739 MAXIM-MAX8739 Datasheet
835Kb / 19P
   TFT, LCD, DC-DC Converter with Operational Amplifiers
Rev 0; 1/06
MAX8795A MAXIM-MAX8795A Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
logo
Global Mixed-mode Techn...
G5519 GMT-G5519 Datasheet
633Kb / 1P
   TFT-LCD DC/DC Converter with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX1516 MAXIM-MAX1516 Datasheet
919Kb / 26P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
MAX1516A MAXIM-MAX1516A Datasheet
1Mb / 29P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
logo
E-CMOS Corporation
EC9219 E-CMOS-EC9219 Datasheet
381Kb / 14P
   TFT- LCD DC-DC Converters with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A_11 Datasheet
819Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers 0.6mA Quiescent Current
Rev 3; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com