Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1544 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1544
Description  Dual-Phase, Quick-PWM Controller for AMD Hammer CPU Core Power Supplies
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1544 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1544 Datasheet HTML 5Page - Maxim Integrated Products MAX1544 Datasheet HTML 6Page - Maxim Integrated Products MAX1544 Datasheet HTML 7Page - Maxim Integrated Products MAX1544 Datasheet HTML 8Page - Maxim Integrated Products MAX1544 Datasheet HTML 9Page - Maxim Integrated Products MAX1544 Datasheet HTML 10Page - Maxim Integrated Products MAX1544 Datasheet HTML 11Page - Maxim Integrated Products MAX1544 Datasheet HTML 12Page - Maxim Integrated Products MAX1544 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Dual-Phase, Quick-PWM Controller for
AMD Hammer CPU Core Power Supplies
_______________________________________________________________________________________
9
OUTPUT VOLTAGE vs. LOAD CURRENT
(VOUT = 1.50V)
LOAD CURRENT (A)
40
50
30
10
20
1.40
1.42
1.44
1.46
1.48
1.50
1.52
1.38
060
100
90
80
70
60
50
0.1
1
10
100
EFFICIENCY vs. LOAD CURRENT
(VOUT = 1.50V)
LOAD CURRENT (A)
VIN = 20V
VIN = 12V
VIN = 8V
SKIP = REF
SKIP = VCC
OUTPUT VOLTAGE vs. LOAD CURRENT
(VOUT = 1.00V)
LOAD CURRENT (A)
50
10
30
20
40
0.92
0.94
0.96
0.98
1.00
1.02
0.90
060
100
90
80
50
0.1
10
100
70
60
LOAD CURRENT (A)
1
EFFICIENCY vs. LOAD CURRENT
(VOUT = 1.00V)
VIN = 20V
VIN = 12V
VIN = 8V
SKIP = REF
SKIP = VCC
OUTPUT VOLTAGE vs. LOAD CURRENT
(VOUT = 0.80V)
LOAD CURRENT (A)
30
SUS = VCC
10
20
0.74
0.76
0.78
0.80
0.82
0.72
040
100
90
80
50
0.1
10
100
70
60
LOAD CURRENT (A)
1
DUAL-PHASE EFFICIENCY vs. LOAD CURRENT
(VOUT = 0.80V)
VIN = 20V
VIN = 8V
VIN = 12V
SKIP = REF
100
90
80
50
0.1
10
100
70
60
LOAD CURRENT (A)
1
SINGLE-PHASE EFFICIENCY vs. LOAD CURRENT
(VOUT = 0.80V)
VIN = 20V
VIN = 8V
VIN = 12V
SKIP = GND
SWITCHING FREQUENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
30
10
20
100
200
300
400
0
040
VOUT = 1V (NO LOAD)
SKIP MODE (SKIP = REF)
FORCED-PWM (SKIP = VCC)
NO-LOAD SUPPLY CURRENT
vs. INPUT VOLTAGE (FORCED-PWM MODE)
INPUT VOLTAGE (V)
20
25
5
15
10
30
60
90
120
150
0
030
IIN
SKIP = VCC
ICC + IDD
Typical Operating Characteristics
(Circuit of Figure 1, VIN = 12V, VCC = VDD = 5V, SHDN = SKIP = VCC, D0–D4 set for 1.5V (SUS = GND), S0–S1 set for 1V
(SUS = VCC), OFS = GND, TA = +25°C, unless otherwise specified.)


Similar Part No. - MAX1544

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
   CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
MAX1540 MAXIM-MAX1540 Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
MAX1540A MAXIM-MAX1540A Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
More results

Similar Description - MAX1544

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
MAX17410 MAXIM-MAX17410 Datasheet
979Kb / 45P
   Dual-Phase, Quick-PWM Controller for IMVP6 CPU Core Power Supplies
Rev 0; 1/09
MAX17582 MAXIM-MAX17582 Datasheet
755Kb / 42P
   Dual-Phase, Quick-PWM Controller for IMVP-6.5 CPU Core Power Supplies
Rev 0; 7/09
MAX8707 MAXIM-MAX8707 Datasheet
780Kb / 37P
   Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies
Rev 0; 8/04
MAX1519 MAXIM-MAX1519 Datasheet
826Kb / 43P
   Dual-Phase, Quick-PWM Controllers for Programmable CPU Core Power Supplies
Rev 1; 9/03
MAX8770 MAXIM-MAX8770 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
logo
Winbond
W83304D WINBOND-W83304D Datasheet
373Kb / 16P
   ACPI Controller For AMD Claw Hammer TM CPU
logo
Richtek Technology Corp...
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 40P
   Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com