Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1524 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1524
Description  Simple SOT23 Boost Controllers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1524 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1524 Datasheet HTML 1Page - Maxim Integrated Products MAX1524 Datasheet HTML 2Page - Maxim Integrated Products MAX1524 Datasheet HTML 3Page - Maxim Integrated Products MAX1524 Datasheet HTML 4Page - Maxim Integrated Products MAX1524 Datasheet HTML 5Page - Maxim Integrated Products MAX1524 Datasheet HTML 6Page - Maxim Integrated Products MAX1524 Datasheet HTML 7Page - Maxim Integrated Products MAX1524 Datasheet HTML 8Page - Maxim Integrated Products MAX1524 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX1522/MAX1523/MAX1524 are simple, compact
boost controllers designed for a wide range of DC-DC
conversion topologies, including step-up, SEPIC, and
flyback applications. They are for applications where
extremely low cost and small size are top priorities.
These devices are designed specifically to provide a
simple application circuit and minimize the size and
number of external components, making them ideal for
PDAs, digital cameras, and other low-cost consumer
electronics applications.
These devices use a unique fixed on-time, minimum off-
time architecture, which provides excellent efficiency
over a wide-range of input/output voltage combinations
and load currents. The fixed on-time is pin selectable to
either 0.5µs (50% max duty cycle) or 3µs (85% max
duty cycle), permitting optimization of external compo-
nent size and ease of design for a wide range of output
voltages.
The MAX1522/MAX1523 operate from a +2.5V to +5.5V
input voltage range and are capable of generating a
wide range of outputs. The MAX1524 is intended for
bootstrapped operation, permitting startup with lower
input voltage. All devices have internal soft-start and
short-circuit protection to prevent excessive switching
current during startup and under output fault condi-
tions. The MAX1522/MAX1524 have a latched fault
mode, which shuts down the controller when a short-
circuit event occurs, whereas the MAX1523 reenters
soft-start mode during output fault conditions. The
MAX1522/MAX1523/MAX1524 are available in a space-
saving 6-pin SOT23 package.
________________________Applications
____________________________Features
o Simple, Flexible Application Circuit
o 2-Cell NiMH or Alkaline Operation (MAX1524)
o Low Quiescent Current (25µA typ)
o Output Fault Protection and Soft-Start
o High Efficiency Over 1000:1 IOUT Range
o Pin-Selectable Maximum Duty Factor
o Micropower Shutdown Mode
o Small 6-Pin SOT23 Package
o No Current-Sense Resistor
Simple SOT23 Boost Controllers
________________________________________________________________ Maxim Integrated Products
1
__________Typical Operating Circuit
19-1926; Rev 0; 2/01
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP. RANGE
PIN-
PACKAGE
TOP
MARK
MAX1522EUT-T
-40
°C to +85°C
6 SOT23-6
AAOX
MAX1523EUT-T
-40
°C to +85°C
6 SOT23-6
AAOY
MAX1524EUT-T
-40
°C to +85°C
6 SOT23-6
AAOZ
Ordering Information
Pin Configurations
FB
SHDN
SET
16
VCC
5
EXT
GND
MAX1522
MAX1523
MAX1524
SOT23-6
TOP VIEW
2
34
MAX1522
MAX1523
MAX1524
INPUT
OFF ON
6
3
4
5
2
1
VCC
EXT
SET
FB
SHDN
GND
OUTPUT
VCC
50% 85%
N
Low-Cost, High-Current,
or High-Voltage Boost
Conversion
LCD Bias Supplies
Industrial +24V and +28V
Power Supplies
Low-Cost, Multi-Output
Flyback Converters
SEPIC Converters
Low-Cost Battery-
Powered Applications


Similar Part No. - MAX1524

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1524 MAXIM-MAX1524 Datasheet
131Kb / 5P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 03/01
MAX1524EUT+T MAXIM-MAX1524EUT+T Datasheet
438Kb / 14P
   Simple SOT23 Boost Controllers
2010
MAX1524EUT-T MAXIM-MAX1524EUT-T Datasheet
438Kb / 14P
   Simple SOT23 Boost Controllers
2010
More results

Similar Description - MAX1524

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1522 MAXIM-MAX1522_V01 Datasheet
438Kb / 14P
   Simple SOT23 Boost Controllers
2010
MAX5900 MAXIM-MAX5900 Datasheet
260Kb / 11P
   -100V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 3; 8/03
MAX5902 MAXIM-MAX5902 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
   100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5901ABEUT-T MAXIM-MAX5901ABEUT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902 MAXIM-MAX5902_07 Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5901LAETT-T MAXIM-MAX5901LAETT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
logo
Semtech Corporation
SC2603A SEMTECH-SC2603A Datasheet
461Kb / 9P
   Simple PWM Boost Converter In Small SOT23-6 Package
logo
Maxim Integrated Produc...
MAX16992 MAXIM-MAX16992 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com