Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1562-MAX1563 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1562-MAX1563
Description  Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1562-MAX1563 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1562-MAX1563 Datasheet HTML 4Page - Maxim Integrated Products MAX1562-MAX1563 Datasheet HTML 5Page - Maxim Integrated Products MAX1562-MAX1563 Datasheet HTML 6Page - Maxim Integrated Products MAX1562-MAX1563 Datasheet HTML 7Page - Maxim Integrated Products MAX1562-MAX1563 Datasheet HTML 8Page - Maxim Integrated Products MAX1562-MAX1563 Datasheet HTML 9Page - Maxim Integrated Products MAX1562-MAX1563 Datasheet HTML 10Page - Maxim Integrated Products MAX1562-MAX1563 Datasheet HTML 11Page - Maxim Integrated Products MAX1562-MAX1563 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
For the MAX1563, the minimum RISET value is 4.22k
Ω,
corresponding to a 4A current limit. Set the continuous
current-limit value 20% to 30% higher than the expect-
ed load current to ensure that normal conditions do not
trigger nuisance fault outputs. The short-circuit current
limit is internally set to 1.3 times the continuous current-
limit setting.
On/Off Control and UVLO
The MAX1562 has an active-low ON polarity and the
MAX1562H has an active-high ON polarity. SEL sets the
active polarity of the MAX1563. Connect ON to the same
voltage as SEL to enable OUT. Connect ON to the
opposite voltage as SEL to disable OUT (see Table 1).
The MAX1562/MAX1562H/MAX1563 include a UVLO
circuit to prevent erroneous switch operation when the
input voltage goes low during startup and brownout
conditions. Input voltages of less than +3.4V inhibit
operation of the device. FAULT asserts low during a
UVLO condition.
Output Fault Protection and Autoreset
The MAX1562/MAX1562H/MAX1563 sense the switch
output voltage and select continuous current limiting for
VOUT greater than 1V or short-circuit current limiting for
VOUT less than 1V. When VOUT is greater than 1V, the
device operates in a continuous current-limit mode that
limits output current to the programmed current limit
(1A to 4A). When VOUT is less than 1V, the device oper-
ates in short-circuit current-limit mode, sourcing a
pulsed current to the load. The pulse current depends
on the programmed current-limit value, typically 30%
higher than the programmed current limit.
When either fault condition persists for 20ms, the output
turns off and the fault flag asserts. The output automati-
cally restarts when the short or overload is removed. Note
that during severe short conditions, FAULT does not wait
20ms but goes low immediately since there is typically
also an undervoltage transient during a severe short.
The MAX1562/MAX1562H/MAX1563 detect short-circuit
removal by sourcing 25mA from the output and monitor-
ing the output voltage. When the voltage at the output
exceeds +0.5V for 20ms, the fault flag resets, the output
turns back on, and the 25mA current source turns off.
Thermal Shutdown
When the MAX1562/MAX1562H/MAX1563 die tempera-
ture exceeds +160°C, the switch turns off and FAULT
goes low. Thermal shutdown does not utilize the 20ms
fault-blanking timeout period. When the junction tem-
perature cools by 15°C, the switch turns on again and
FAULT returns high. The switch cycles on and off if an
overload condition persists, resulting in a pulsed output
that reduces the average system load.
Fault Indicators
The MAX1562/MAX1562H/MAX1563 provide an open-
drain fault output, FAULT. Connect FAULT to IN through
a 100k
Ω pullup resistor for most applications. FAULT
asserts low when any of the following conditions occur:
• The input voltage is below the UVLO threshold.
• The switch junction temperature exceeds the +160°C
thermal-shutdown temperature limit.
• The switch is in current-limit or short-circuit current-
limit mode for more than 20ms.
The FAULT output deasserts after a 20ms delay once the
fault condition is removed. Ensure that the MAX1562/
MAX1562H/MAX1563 input bypass capacitance is suffi-
ciently large to prevent load glitches from triggering the
FAULT output. Limit the input-voltage slew rate to
0.2V/µs to prevent erroneous FAULT indications.
To differentiate large capacitive loads from short circuits
or sustained overloads, the switches have a fault-blank-
ing circuit. When a load transient causes the device to
enter current limit, an internal counter monitors the dura-
tion of the fault. For load faults exceeding the 20ms
fault-blanking time, the switch turns off, FAULT asserts
low, and the device enters autoreset mode (see the
Output Fault Protection and Autoreset section). Only
current-limit and short-circuit faults are blanked. If ther-
mal-overload faults or the input voltage drops below the
UVLO threshold, the switch turns off and asserts FAULT
low immediately. Note that during severe short condi-
tions, FAULT goes low immediately since there is typi-
cally also a brief undervoltage transient.
Fault blanking allows the MAX1562/MAX1562H/
MAX1563 to handle USB loads that might not be fully
compliant with the USB specifications. These switches
successfully power USB loads with additional bypass
capacitance and/or large startup currents while pro-
tecting the upstream power source. No fault is reported
if the switch brings up the load within the 20ms blank-
ing period. See Table 2 for a summary of current-limit
and fault behavior.
Programmable 4A USB Current-Limited
Switches with Autoreset and Fault Blanking
8
_______________________________________________________________________________________
Table 1. On/Off Control
SEL
ON
OUT BEHAVIOR
GND
ON
GND
VIN
OFF
GND
OFF
VIN
VIN
ON


Similar Part No. - MAX1562-MAX1563

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1562 MAXIM-MAX1562 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1562 MAXIM-MAX1562 Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1562ESA++ MAXIM-MAX1562ESA+ Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1562ESA++ MAXIM-MAX1562ESA+ Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1562H MAXIM-MAX1562H Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
More results

Similar Description - MAX1562-MAX1563

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1562 MAXIM-MAX1562_10 Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1693 MAXIM-MAX1693 Datasheet
143Kb / 8P
   USB Current-Limited Switches with Fault Blanking
Rev 0; 9/99
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1946 MAXIM-MAX1946_10 Datasheet
271Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com