Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACFF-1024 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFF-1024
Description  ISM Bandpass Filter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFF-1024 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACFF-1024 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACFF-1024
ISM Bandpass Filter (2401 – 2482 MHz)
Data Sheet
ANT
(Pin 4)
TX/RX
(Pin 1)
Port 1
Port 2
Features
• 50 Ω Input/Output
• No external matching required
• Low Insertion Loss, High Interference Rejection
- Enables concurrent use of other 2.5 GHz Bands
• Subminiature Size
- 1.1 x 1.4 mm Footprint
- 0.80 mm Max Height
• High Power Rating
- +27 dBm Abs Max Input Power
• Operating Temperature Range
- –40 °C to +85 °C
• Environmental
- RoHS 6 Compliant
- Halogen free
- TBBPA Free
Specifications
• Performance guaranteed –30 °C to +85 °C
• Low Insertion Loss
• High Interferer Rejection
Applications
802.11 b/g/n WLAN Access Point and Small Cell BTS with
embedded WLAN functionality
Description
The Avago ACFF-1024 is a miniaturized Bandpass Filter
designed for use in the 2.4 GHz Industrial, Scientific and
Medical (ISM) band.
The ACFF-1024 is designed to enable concurrent opera-
tion of Wireless LAN and Bluetooth applications that coex-
ist with other wireless standards, such as 2.5 GHz WiMAX,
PCS, and LTE Bands 7 and 40, without performance degra-
dations due to interference.
The ACFF-1024 is designed with Avago Technologies’ in-
novative Film Bulk Acoustic Resonator (FBAR) technology,
which makes possible ultra-small, high-Q filters at a frac-
tion of their usual size.
The ACFF-1024 also utilizes AvagoTechnologies’advanced
Microcap bonded-wafer technology. This chip scale min-
iaturization process results in a package size of only 1.4 x
1.1 mm and maximum height of 0.80 mm.
The ACFF-1024 is compatible with high volume, lead-free
SMT soldering processes and can be direct surface mount-
ed to a PCB or a transfer molded module.
Functional Block Diagram


Similar Part No. - ACFF-1024

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACFF-1024 BOARDCOM-ACFF-1024 Datasheet
561Kb / 10P
   ISM Bandpass Filter (2401 ??2482 MHz)
More results

Similar Description - ACFF-1024

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7224 AVAGO-ACPF-7224_15 Datasheet
118Kb / 2P
   ISM Bandpass Filter
ACPF-7424 AVAGO-ACPF-7424 Datasheet
159Kb / 2P
   Wi-Fi/ISM Bandpass Filter
logo
Broadcom Corporation.
ACFF-1024 BOARDCOM-ACFF-1024 Datasheet
561Kb / 10P
   ISM Bandpass Filter (2401 ??2482 MHz)
ACPF-7424 BOARDCOM-ACPF-7424 Datasheet
159Kb / 2P
   Wi-Fi/ISM Bandpass Filter (2401 ??2482 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7224 AVAGO-ACPF-7224 Datasheet
118Kb / 2P
   ISM Bandpass Filter (2401 ??2483 MHz) for Coexistence with Bands 40/38
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com