Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACFF-1025 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFF-1025
Description  LTE Band 41 Bandpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFF-1025 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACFF-1025 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACFF-1025 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACFF-1025 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFF-1025 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFF-1025 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFF-1025 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACFF-1025 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACFF-1025 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACFF-1025 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Figure 22. Suggested PCB Land Pattern.
A PCB layout using the principles illustrated in the figure
above is recommended to optimize performance of the
ACFF-1025.
Transmission line dimensions should be adjusted to
maintain a Zo of 50 ohms.
It is important to maximize isolation between the filter
Input and Output ports.
High isolation is achieved by: (1) maintaining a continu-
ous ground plane around the I/O connections and filter
mounting area, and (2) surrounding the I/O ports with
sufficient ground vias to enclose the connections in a
“Faraday cage.”
Ground vias under the ACFF-1025 mounting area also
provide heat sinking for the device to minimize shifting of
the pass band over temperature.
Notes:
1. Dimensions in mm
2. Top view
ACFF-1025
Figure 23. PCB Layout, Via Detail.
Notes:
1. Dimensions in mm
2. Top view
0.95
(REF)
0.50X0.50
LAND PAD
(2X)
ADJUST FOR
50 OHMS
0.25 TYP
1.95
1.05
0.90
(REF)
0.95X0.90, CHAMFER 0.12X45°
GROUND PLANE OPENING FOR PAD
(2X)
0.20
(REF)
0.125 (REF)
VIA ARRAY 2
8X2 ARRAY
(4X)
0.125
0.250
(ALL)
0.250 (ALL)
Ø 0.10
(ALL)
VIA ARRAY 1
4x9 ARRAY
CENTERED ON
LAND PATTERN
0.125


Similar Part No. - ACFF-1025

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACFF-1024 AVAGO-ACFF-1024 Datasheet
561Kb / 10P
   ISM Bandpass Filter
logo
Broadcom Corporation.
ACFF-1024 BOARDCOM-ACFF-1024 Datasheet
561Kb / 10P
   ISM Bandpass Filter (2401 ??2482 MHz)
More results

Similar Description - ACFF-1025

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7141 AVAGO-ACPF-7141 Datasheet
473Kb / 10P
   Bandpass Filter for LTE Band 41
logo
Broadcom Corporation.
ACPF-7141 BOARDCOM-ACPF-7141 Datasheet
473Kb / 10P
   Bandpass Filter for LTE Band 41
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7041 AVAGO-ACPF-7041 Datasheet
120Kb / 2P
   TD-LTE Band 41 Bandpass Filter
ACPF-7241 AVAGO-ACPF-7241 Datasheet
215Kb / 2P
   Bandpass Filter for Band 41
logo
Broadcom Corporation.
ACPF-7241 BOARDCOM-ACPF-7241 Datasheet
220Kb / 2P
   Bandpass Filter for Band 41
logo
KR Electronics, Inc.
3212-41++ KR-3212-41+ Datasheet
58Kb / 3P
   41 MHz Bandpass Filter
logo
Qorvo, Inc
QPQ1290 QORVO-QPQ1290 Datasheet
581Kb / 8P
   Band 41 Tx / Rx Filter
March 5, 2018
TQQ0041T QORVO-TQQ0041T Datasheet
701Kb / 8P
   Band 41 Tx/Rx Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1991A TAI-SAW-TA1991A Datasheet
477Kb / 7P
   SAW Rx Filter 2605 MHz LTE Band 41 SMD 1109(100MHz BW)
logo
TriQuint Semiconductor
TQQ0041 TRIQUINT-TQQ0041_15 Datasheet
107Kb / 1P
   Band 41 Receive BAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com