Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACFM-7110 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFM-7110
Description  PCS/Cellular Band Quadplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFM-7110 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACFM-7110 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
ACFM-7110 Electrical Specifications, Z0 = 50
Ω, TC[1,2]as indicated
Symbol
Parameter
Units
-20°C
+25°C
+85°C
Min
Max
Min
Typ [3]
Max
Min
Max
PCS Duplexer Performance
Antenna Port to PCS Receive Port
S31
Insertion Loss in Rx Band
(1930.5 – 1989.5 MHz)
dB
3.6
1.7
3.4
3.6
S31
Insertion Loss Ripple (p-p) in Rx Band
dB
1.1
2
S31
Attenuation in Tx Band
(1850.5 – 1909.5 MHz)
dB
50
50
61
50
S31
Attenuation, 0.03 – 1770 MHz
dB
20
20
20
S31
Attenuation, 2025 – 3500 MHz
dB
30
30
30
S31
Attenuation, 3500 – 3700 MHz
dB
27
27
27
S31
Attenuation, 3820 – 4000 MHz
dB
23
23
23
S33
Return Loss (SWR) of Rx Port in Rx Band
(1930.5 – 1989.5 MHz)
dB
9
(2.1)
9
18 (1.3)
(2.1)
9
(2.1)
S11
Return Loss (SWR) of Ant Port in Rx Band
(1930.5 – 1989.5 MHz)
dB
9
(2.1)
9
20 (1.2)
(2.1)
9
(2.1)
PCS Transmit Port to Antenna Port
S12
Insertion Loss in Tx Band
(1850.5 – 1909.5 MHz)
dB
3.1
1.3
2.9
3.1
S12
Insertion Loss Ripple (p-p) in Tx Band
dB
0.8
2
S12
Attenuation in Rx Band
(1930.5 – 1989.5 MHz)
dB
40
40
54
40
S12
Attenuation, 0.03 – 1570 MHz
dB
15
15
15
S12
Attenuation in GPS Band
(1574.4 – 1576.4 MHz)
dB
30
30
30
S12
Attenuation, 1580 – 1700 MHz
dB
25
25
25
S12
Attenuation in Tx 2nd harmonic Band
(3701 – 3819 MHz)
dB
10
10
10
S12
Attenuation in Tx 3rd harmonic Band
(5551.5 – 5728.5 MHz)
dB
3
3
3
S22
Return Loss (SWR) of Tx Port in Tx Band
(1850.5 – 1909.5 MHz)
dB
9.5
(2.0)
9.5
18 (1.3)
(2.0)
9.5
(2.0)
S11
Return Loss (SWR) of Ant port in Tx Band
(1850.5 – 1909.5 MHz)
dB
9
(2.1)
9
20 (1.2)
(2.1)
9
(2.1)
Isolation, PCS Transmit Port to PCS Receive Port
S32
Isolation, Tx to Rx port in Rx Band
(1930.5 – 1989.5 MHz)
dB
40
45
60
45
S32
Isolation, Tx to Rx port in Tx Band
(1850.5 – 1909.5 MHz)
dB
54
54
65
54
Notes:
1. TC is defined as Case Temperature, the temperature of the bottom mounting surface of the quadplexer where it makes contact with the circuit
board.
2. Min/Max specifications are guaranteed at the indicated temperature with the input power to the Tx ports equal to or less than +27 dBm over all Tx
frequencies unless otherwise noted.
3. Typical data is the arithmetic mean value of the parameter over its indicated frequency range at the specified temperature. Typical values may vary
over time.


Similar Part No. - ACFM-7110

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7101 AVAGO-ACFM-7101 Datasheet
598Kb / 17P
   PCS/Cellular/GPS Quintplexer
ACFM-7101-BLKG AVAGO-ACFM-7101-BLKG Datasheet
598Kb / 17P
   PCS/Cellular/GPS Quintplexer
ACFM-7101-TR1G AVAGO-ACFM-7101-TR1G Datasheet
598Kb / 17P
   PCS/Cellular/GPS Quintplexer
ACFM-7102 AVAGO-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
logo
Broadcom Corporation.
ACFM-7102 BOARDCOM-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
More results

Similar Description - ACFM-7110

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7107-TR1 AVAGO-ACFM-7107-TR1 Datasheet
472Kb / 18P
   PCS/Cellular Band Quadplexer
ACFM-7107 AVAGO-ACFM-7107 Datasheet
472Kb / 18P
   PCS/Cellular Band Quadplexer
ACFM-7109 AVAGO-ACFM-7109 Datasheet
323Kb / 13P
   PCS/Cellular Band Quadplexer
ACFM-7325 AVAGO-ACFM-7325 Datasheet
505Kb / 19P
   Band Class 10 Cellular Band Quadplexer
logo
Broadcom Corporation.
ACFM-7037 BOARDCOM-ACFM-7037 Datasheet
247Kb / 2P
   Band 3/Band 7 Quadplexer
ACFM-2113 BOARDCOM-ACFM-2113 Datasheet
334Kb / 2P
   Band 1/Band 3 Quadplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7353 AVAGO-ACPM-7353 Datasheet
1Mb / 17P
   CDMA Dual Band 4x5 Power Amplifier Module (Cellular/PCS)
logo
TriQuint Semiconductor
TQQ2504 TRIQUINT-TQQ2504_15 Datasheet
241Kb / 1P
   Band 25/4 Carrier Aggregation Quadplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7101 AVAGO-ACFM-7101 Datasheet
598Kb / 17P
   PCS/Cellular/GPS Quintplexer
logo
Advanced Crystal Techno...
ACTOCXO50 ACT-ACTOCXO50 Datasheet
102Kb / 1P
   PCS / Cellular Base Station
14/09/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com