Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACFM-7325 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFM-7325
Description  Band Class 10 Cellular Band Quadplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFM-7325 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACFM-7325 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
ACFM-7325 Electrical Specifications, Z0 = 50
:, TC[1][2][4] as indicated
Band 14 Class (PCS) Duplexer Performance
Symbol
Parameter
-10° C
+25° C
+85° C
Units
Min
Max
Min
Typ [3]
Max
Min
Max
Antenna Port to PCS Receive Port
S31
Insertion Loss in Rx band
(1930.5 – 1994.4 MHz)
dB
4.0
1.8
3.6
3.7
S31
Attenuation in Transmit Band
(1850.5 – 1914.4 MHz)
dB
50
50
61
50
S31
Attenuation, 0.03 – 1770 MHz
dB
20
20
40
20
S31
Attenuation, 2025 – 3700 MHz
dB
27
27
57
27
S33
Return Loss (SWR) of Rx Port in Rx Band
(1930.5 – 1994.4 MHz)
dB
8
(2.3)
8
16
(1.4)
(2.3)
8
(2.3)
S11
Return Loss (SWR) of Ant Port in Rx Band
(1930.5 – 1994.4 MHz)
dB
8
(2.3)
8
17
(1.3)
(2.3)
8
(2.3)
PCS Transmit Port to Antenna Port
S12
Insertion Loss in Transmit Band
(1850.5 – 1914.4 MHz)
dB
3.1
1.4
3.1
4.1
S12
Attenuation in Receive Band
(1930.5 – 1994.4 MHz)
dB
37
39
49
39
S12
Attenuation, 0.03 – 1570 MHz
dB
15
15
43
15
S12
Attenuation in GPS Band
(1574.42 – 1576.42 MHz)
dB
27
27
30
27
S12
Attenuation, 1580 – 1700 MHz
dB
25
25
35
25
S12
Attenuation in Tx 2nd harmonic Band
(3701 – 3829 MHz)
dB
10
10
23
10
S12
Attenuation in Tx 3rd harmonic Band
(5551.5 – 5743.5 MHz)
dB
8
8
23
8
S22
Return Loss (SWR) of Tx Port in Tx Band
(1850.5 – 1914.4 MHz)
dB
9.5
(2.0)
9.5
16
(1.4)
(2.0)
9.5
(2.0)
S11
Return Loss (SWR) of Ant Port in Tx Band
(1850.5 – 1914.4 MHz)
dB
9
(2.1)
9
16
(1.4)
(2.1)
9
(2.1)
Isolation, PCS Transmit Port to PCS Receive Port
S32
Isolation, Tx to Rx port in Rx Band
(1930.5 – 1994.4 MHz)
dB
40
40
49
40
S32
Isolation, Tx to Rx port in Tx Band
(1850.5 – 1914.4 MHz)
dB
53
53
63
53
Notes:
1. TC is defined as Case Temperature, the temperature of the bottom mounting surface of the quadplexer where it makes contact with the circuit
board.
2. Min/Max specifications are guaranteed at the indicated temperature with the input power to the Tx ports equal to or less than +29 dBm over all Tx
frequencies unless otherwise noted.
3. Typical data is the arithmetic mean value of the parameter over its indicated frequency range at the specified temperature. Typical values may vary
over time.
4. Specifications are for circuit shown in Figure 1 and include effect of 5.1 nH inductor and 1.0 pF capacitor added to Port 1 (Ant) via simulation.


Similar Part No. - ACFM-7325

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7024 AVAGO-ACFM-7024 Datasheet
246Kb / 2P
   Single antenna
ACFM-7037 AVAGO-ACFM-7037 Datasheet
247Kb / 2P
   Single antenna
logo
Broadcom Corporation.
ACFM-7037 BOARDCOM-ACFM-7037 Datasheet
247Kb / 2P
   Band 3/Band 7 Quadplexer
ACFM-7037-BLK BOARDCOM-ACFM-7037-BLK Datasheet
247Kb / 2P
   Band 3/Band 7 Quadplexer
ACFM-7037-TR1 BOARDCOM-ACFM-7037-TR1 Datasheet
247Kb / 2P
   Band 3/Band 7 Quadplexer
More results

Similar Description - ACFM-7325

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7107-TR1 AVAGO-ACFM-7107-TR1 Datasheet
472Kb / 18P
   PCS/Cellular Band Quadplexer
ACFM-7107 AVAGO-ACFM-7107 Datasheet
472Kb / 18P
   PCS/Cellular Band Quadplexer
ACFM-7109 AVAGO-ACFM-7109 Datasheet
323Kb / 13P
   PCS/Cellular Band Quadplexer
ACFM-7110 AVAGO-ACFM-7110 Datasheet
313Kb / 13P
   PCS/Cellular Band Quadplexer
logo
Broadcom Corporation.
ACFM-7037 BOARDCOM-ACFM-7037 Datasheet
247Kb / 2P
   Band 3/Band 7 Quadplexer
ACFM-2113 BOARDCOM-ACFM-2113 Datasheet
334Kb / 2P
   Band 1/Band 3 Quadplexer
logo
TriQuint Semiconductor
TQQ2504 TRIQUINT-TQQ2504_15 Datasheet
241Kb / 1P
   Band 25/4 Carrier Aggregation Quadplexer
logo
WJ Communication. Inc.
MH303 WJCI-MH303 Datasheet
144Kb / 4P
   Cellular-band Quad-FET Mixer
logo
List of Unclassifed Man...
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
   Cellular-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
   Cellular-band Dual-Branch Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com