Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1585 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1585
Description  5-Channel Slim DSC Power Supplies
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1585 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1585 Datasheet HTML 4Page - Maxim Integrated Products MAX1585 Datasheet HTML 5Page - Maxim Integrated Products MAX1585 Datasheet HTML 6Page - Maxim Integrated Products MAX1585 Datasheet HTML 7Page - Maxim Integrated Products MAX1585 Datasheet HTML 8Page - Maxim Integrated Products MAX1585 Datasheet HTML 9Page - Maxim Integrated Products MAX1585 Datasheet HTML 10Page - Maxim Integrated Products MAX1585 Datasheet HTML 11Page - Maxim Integrated Products MAX1585 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
5-Channel Slim DSC Power Supplies
8
_______________________________________________________________________________________
NO-LOAD INPUT CURRENT
vs. INPUT VOLTAGE (SWITCHING)
INPUT VOLTAGE (V)
4.5
4.0
3.0 3.5
1.0 1.5 2.0 2.5
0.5
1
2
3
4
5
6
7
8
9
0
05.0
BOOST-BUCK (SU + AUX3)
VSU = 5.0V, OUT3 = 3.33V
VSU = 5.0V
MINIMUM STARTUP VOLTAGE
vs. LOAD CURRENT (VSU)
LOAD CURRENT (mA)
800
600
400
200
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0
1000
SCHOTTKY DIODE CONNECTED
FROM IN TO VSU
REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
75
50
25
0
-25
1.246
1.248
1.251
1.254
1.243
-50
100
REFERENCE VOLTAGE
vs. REFERENCE LOAD CURRENT
REFERENCE LOAD CURRENT (
µA)
250
200
150
100
50
1.245
1.246
1.247
1.248
1.249
1.250
1.244
0300
OSCILLATOR FREQUENCY vs. ROSC
ROSC (k
Ω)
100
10
100
300
500
700
900
1100
-100
11000
COSC = 470pF
COSC = 330pF
COSC = 220pF
COSC = 100pF
COSC = 47pF
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
75
50
25
0
-25
502
503
504
505
506
507
508
509
510
501
-50
100
ROSC= 51k
COSC= 100pF
Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1585

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX158 MAXIM-MAX158 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582 MAXIM-MAX1582 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582EBE-T MAXIM-MAX1582EBE-T Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582ETC MAXIM-MAX1582ETC Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1583 MAXIM-MAX1583 Datasheet
133Kb / 5P
   MAX1583 Evaluation Kit
Rev 0; 4/04
More results

Similar Description - MAX1585

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8705 FAIRCHILD-FAN8705 Datasheet
528Kb / 24P
   5 Channel DSC Motor Driver
logo
Aimtron Technology
AT5558 AIMTRON-AT5558 Datasheet
223Kb / 13P
   5-Channel DSC Motor Driver
logo
List of Unclassifed Man...
AT1395 ETC-AT1395 Datasheet
329Kb / 18P
   5 CHANNEL DC-DC CONVERTER FOR DSC
PS5R-SB24 ETC2-PS5R-SB24 Datasheet
319Kb / 2P
   Slim Line Power Supplies PS5R-S
logo
IDEC Corporation
PS5R-SF24 IDEC-PS5R-SF24 Datasheet
1Mb / 6P
   PS5R Slim Line Series Switching Power Supplies
logo
Princeton Technology Co...
PT5119 PTC-PT5119 Datasheet
496Kb / 4P
   51CH DSC Motor Driver
logo
List of Unclassifed Man...
AT5556 ETC-AT5556 Datasheet
325Kb / 15P
   6-CHANNEL DSC MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8702 FAIRCHILD-FAN8702 Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
logo
Omron Electronics LLC
G6DN OMRON-G6DN Datasheet
131Kb / 4P
   SPST Slim Power Relay for 5 A switching
logo
Picker Components
PC563 PICKER-PC563 Datasheet
167Kb / 2P
   Ultra Slim 5 Amp Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com