Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPF-7141 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPF-7141
Description  Bandpass Filter for LTE Band 41
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPF-7141 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPF-7141 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPF-7141 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPF-7141 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPF-7141 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPF-7141 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPF-7141 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPF-7141 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPF-7141 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPF-7141 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACPF-7141
Bandpass Filter for LTE Band 41
Data Sheet
TX
ANT
Port 1
Port 2
(Pin 1)
(Pin 2)
Description
The Avago ACPF-7141 is a miniature Bandpass Filter de-
signed for use in LTE Band 41 (2496 – 2690 MHz) wireless
applications.
The ACPF-7141 is designed to enable concurrent op-
eration of Band 41 with applications in adjacent 2.4 GHz
Bands (Wi-Fi, WLAN, Bluetooth, ISM).
The ACPF-7141 utilizes Avago Technologies’ innovative
Film Bulk Acoustic Resonator (FBAR) technology, which
makes possible ultra-small, high-Q filters at a fraction of
their usual size.
The ACPF-7141 is compatible with high volume, lead-free
SMT soldering processes and can be direct surface mount-
ed to a PCB or a transfer molded module.
Applications
LTE Band 41 applications such as smartphones, tablets,
and other mobile or portable communications devices.
Functional Block Diagram
Features
• 50 Ω Input/Output
• No external matching required
• Low Insertion Loss, High Interference Rejection
• Specifications guaranteed –20 °C to +85 °C
• High Power Rating
– +31 dBm Abs Max Input Power
• Miniature Size
– 2.0
× 1.6 mm Footprint
– 0.90 mm Max Height
• Environmental
– RoHS 6 Compliant
– Halogen free
– TBBPA Free
Specifications
• Band 41 Insertion Loss ≤ 2.1 dB (Typ., 25 °C)
• IEEE 802.11 b/g/n, Ch 1-13 Rejection ≥ 35 dB
(Typ., 25
°C)


Similar Part No. - ACPF-7141

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPF-7141 BOARDCOM-ACPF-7141 Datasheet
473Kb / 10P
   Bandpass Filter for LTE Band 41
More results

Similar Description - ACPF-7141

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPF-7141 BOARDCOM-ACPF-7141 Datasheet
473Kb / 10P
   Bandpass Filter for LTE Band 41
logo
AVAGO TECHNOLOGIES LIMI...
ACFF-1025 AVAGO-ACFF-1025 Datasheet
1Mb / 12P
   LTE Band 41 Bandpass Filter
ACPF-7041 AVAGO-ACPF-7041 Datasheet
120Kb / 2P
   TD-LTE Band 41 Bandpass Filter
ACPF-7241 AVAGO-ACPF-7241 Datasheet
215Kb / 2P
   Bandpass Filter for Band 41
logo
Broadcom Corporation.
ACPF-7241 BOARDCOM-ACPF-7241 Datasheet
220Kb / 2P
   Bandpass Filter for Band 41
logo
KR Electronics, Inc.
3212-41++ KR-3212-41+ Datasheet
58Kb / 3P
   41 MHz Bandpass Filter
logo
Qorvo, Inc
QPQ1290 QORVO-QPQ1290 Datasheet
581Kb / 8P
   Band 41 Tx / Rx Filter
March 5, 2018
TQQ0041T QORVO-TQQ0041T Datasheet
701Kb / 8P
   Band 41 Tx/Rx Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1991A TAI-SAW-TA1991A Datasheet
477Kb / 7P
   SAW Rx Filter 2605 MHz LTE Band 41 SMD 1109(100MHz BW)
logo
TriQuint Semiconductor
TQQ0041 TRIQUINT-TQQ0041_15 Datasheet
107Kb / 1P
   Band 41 Receive BAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com