Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1605 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1605
Description  30V Internal Switch LCD Bias Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1605 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1605 Datasheet HTML 4Page - Maxim Integrated Products MAX1605 Datasheet HTML 5Page - Maxim Integrated Products MAX1605 Datasheet HTML 6Page - Maxim Integrated Products MAX1605 Datasheet HTML 7Page - Maxim Integrated Products MAX1605 Datasheet HTML 8Page - Maxim Integrated Products MAX1605 Datasheet HTML 9Page - Maxim Integrated Products MAX1605 Datasheet HTML 10Page - Maxim Integrated Products MAX1605 Datasheet HTML 11Page - Maxim Integrated Products MAX1605 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
30V Internal Switch LCD Bias Supply
_______________________________________________________________________________________
9
saturation region. When shut down, the input voltage
exceeds the emitter voltage so the inactive transistor
provides high-impedance isolation between the input
and output. Efficiency will be slightly degraded due to
the PNP transistor saturation voltage and base current.
VIN =
0.8V TO
VOUT
VNEG
-19V
VCC =
2.4V TO
5.5V
D3**
D2*
D1*
R1
240k
R2
16.5k
ON
OFF
SHDN
VCC
LIM
GND
LX
FB
MAX1605
L1
10
µH
C3
0.1
µF
C6
0.1
µF
C4
0.01
µF
C1
1000pF
C2
1
µF
R3
1
C5
1
µF
*D1, D2 = CENTRAL SEMICONDUCTOR
CMPD7000 DUAL
**D3 = CENTRAL SEMICONDUCTOR
CMSD4448 (1N4148)
Figure 4. Negative Voltage for LCD Bias
VIN = 0.8V TO VOUT
R3 = 180k
VCC = 2.4V TO 5.5V
VOUT = 18V
ON
OFF
R1
R2
SHDN
VCC
2N2907A
VSET = 18.3V
(VOUT + 0.3V)
LIM
GND
LX
FB
MAX1605
L1
10
µH
Figure 5. Output Disconnected in Shutdown
Chip Information
TRANSISTOR COUNT: 2329


Similar Part No. - MAX1605

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16050 MAXIM-MAX16050 Datasheet
308Kb / 22P
   Voltage Monitors/Sequencer Circuits with Reverse-Sequencing Capability
Rev 0; 11/07
MAX16050 MAXIM-MAX16050 Datasheet
536Kb / 13P
   Reverse-Sequencing Operation
Rev 0; 7/08
MAX16050ETI++ MAXIM-MAX16050ETI+ Datasheet
308Kb / 22P
   Voltage Monitors/Sequencer Circuits with Reverse-Sequencing Capability
Rev 0; 11/07
MAX16050ETI++ MAXIM-MAX16050ETI+ Datasheet
238Kb / 21P
   Voltage Monitors/Sequencer Circuits with Reverse-Sequencing Capability
19-1013; Rev 1; 7/08
MAX16050ETI++ MAXIM-MAX16050ETI+ Datasheet
1Mb / 24P
   Voltage Monitors/Sequencer Circuits with Reverse-Sequencing Capability
2017
More results

Similar Description - MAX1605

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1605 MAXIM-MAX1605_V01 Datasheet
1Mb / 10P
   30V Internal Switch LCD Bias Supply
2018
MAX1606 MAXIM-MAX1606_V01 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX686 MAXIM-MAX686 Datasheet
198Kb / 16P
   DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch
Rev 1; 2/98
logo
Texas Instruments
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
[Old version datasheet]   LCD Bias Supply
logo
Global Mixed-mode Techn...
G2523 GMT-G2523 Datasheet
197Kb / 2P
   Integrated LCD Bias Power Supply
logo
Maxim Integrated Produc...
MAX749 MAXIM-MAX749 Datasheet
105Kb / 12P
   Digitally Adjustable LCD Bias Supply
Rev 1; 2/95
logo
Texas Instruments
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com