Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-9017 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-9017
Description  Power Amplifier Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-9017 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-9017 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-9017 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-9017 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the
United States and other countries. All other brand and product names may be trademarks of
their respective companies.
Data subject to change. Copyright © 2015 Avago Technologies. All Rights Reserved.
AV02-4840EN – 2015-03-24
PIN Description
Pin #
Name
Description
1
VCC1
DC supply voltage, connect to bias circuitry with a fixed voltage (higher than 3.2V)
2
RFIN
RF input
3NC
NC
4
Vmode
Mode control
5
Ven
PA enable
6
CPL
Coupling port of the coupler
7GND
Ground
8
ISO
Isolation port of the coupler
9
RFOUT
RF output
10
VCC2
DC supply voltage, connect to the RF stages' collector to which APT is applied (0.5V~3.5V)


Similar Part No. - ACPM-9017

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-9017-TR1 BOARDCOM-ACPM-9017-TR1 Datasheet
169Kb / 3P
   Power Amplifier Module
More results

Similar Description - ACPM-9017

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-9430 AVAGO-ACPM-9430 Datasheet
168Kb / 3P
   Power Amplifier Module
ACPM-9002-TR1 AVAGO-ACPM-9002-TR1 Datasheet
170Kb / 3P
   Power Amplifier Module
ACPM-9020 AVAGO-ACPM-9020 Datasheet
165Kb / 3P
   Power Amplifier Module
ACPM-9317 AVAGO-ACPM-9317 Datasheet
168Kb / 3P
   Power Amplifier Module
ACPM-9320 AVAGO-ACPM-9320 Datasheet
169Kb / 3P
   Power Amplifier Module
ACPM-9341-TR2 AVAGO-ACPM-9341-TR2 Datasheet
169Kb / 3P
   Power Amplifier Module
logo
Broadcom Corporation.
ACPM-9002-TR1 BOARDCOM-ACPM-9002-TR1 Datasheet
170Kb / 3P
   Power Amplifier Module
ACPM-9017-TR1 BOARDCOM-ACPM-9017-TR1 Datasheet
169Kb / 3P
   Power Amplifier Module
ACPM-9411-TR1 BOARDCOM-ACPM-9411-TR1 Datasheet
167Kb / 3P
   Power Amplifier Module
ACPM-9417-TR2 BOARDCOM-ACPM-9417-TR2 Datasheet
167Kb / 3P
   Power Amplifier Module
ACPM-9430-TR1 BOARDCOM-ACPM-9430-TR1 Datasheet
168Kb / 3P
   Power Amplifier Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com