Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1608 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1608
Description  Octal SMBus-to-Parallel I/O Expanders
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1608 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1608 Datasheet HTML 1Page - Maxim Integrated Products MAX1608 Datasheet HTML 2Page - Maxim Integrated Products MAX1608 Datasheet HTML 3Page - Maxim Integrated Products MAX1608 Datasheet HTML 4Page - Maxim Integrated Products MAX1608 Datasheet HTML 5Page - Maxim Integrated Products MAX1608 Datasheet HTML 6Page - Maxim Integrated Products MAX1608 Datasheet HTML 7Page - Maxim Integrated Products MAX1608 Datasheet HTML 8Page - Maxim Integrated Products MAX1608 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Octal SMBus-to-Parallel I/O Expanders
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = +2.7V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ................................................................-0.3V to +6V
IO_ to GND .............................................................-0.3V to +30V
IO_ Sink Current..................................................-1mA to +50mA
SMBCLK, SMBDATA, SMBSUS
and ALERT to GND .............................................-0.3V to +6V
ADD_ to GND ...............................................-0.3V to (V+ + 0.3V)
SMBDATA and ALERT Sink Current ...................-1mA to +50mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
10°C typical hysteresis
ALERT forced to 5.5V
Static, all IOs low or pulled to 0
ALERT forced to 0.4V
SMBDATA forced to 0.6V
Static, outputs in any combination of on or off
states up to 28V
IO_, SMBSUS, SMBCLK, SMBDATA
IO_, SMBSUS, SMBCLK, SMBDATA
SMBSUS, SMBCLK, SMBDATA (Note 2)
(Note 3)
IO_ forced to 28V
10% or 90% of I/O to 10% of SMBCLK (Note 3)
IO_ to ALERT
IO_, V+ = 4.5V
IO_ forced to 1.0V, V+ = 4.5V
SMBus interface operating,
clock frequency = 100kHz
Falling edge of V+
SMBSUS to IO_
IO_ forced to 0.4V
SMBCLK to IO_
CONDITIONS
°C
140
Thermal Shutdown
µA
1
ALERT Output High Leakage Current
mA
1
ALERT Output Low Sink Current
mA
6
SMBus Output Low Sink Current
V
0.8
Logic Input Low Voltage
V
2.1
Logic Input High Voltage
V
0
5.5
SMBus Logic Input Voltage Range
µs
3
IO_ Data Hold Time
µs
10
IO_ Data Set-Up Time
10
1
µs
2.5
Propagation Delay
3.5
9
µA
718
V
2.7
5.5
Supply Voltage Range
Supply Current (Note 2)
µA
0.5
2
I/O Leakage Current
mA
15
25
50
I/O Current Limit
813
7
V
1.2
1.8
2.5
POR Threshold Voltage
mA
2
I/O Sink Current
UNITS
MIN
TYP
MAX
PARAMETER
SMBCLK, SMBDATA
SMBDATA, SMBCLK, SMBUS, ADD_
ADD_ during address sampling (POR, SPOR,
and RAP) to V+ and GND (Note 4)
pF
5
SMBus Input Capacitance
µA
-1
1
Logic Input Current
k
20
Sample Address Input Impedance


Similar Part No. - MAX1608

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1608 MAXIM-MAX1608 Datasheet
248Kb / 17P
   Octal SMBus-to-Parallel I/O Expanders
19-1639; Rev 1; 10/06
MAX1608EEE MAXIM-MAX1608EEE Datasheet
248Kb / 17P
   Octal SMBus-to-Parallel I/O Expanders
19-1639; Rev 1; 10/06
MAX1608 MAXIM-MAX1608_V01 Datasheet
248Kb / 17P
   Octal SMBus-to-Parallel I/O Expanders
19-1639; Rev 1; 10/06
More results

Similar Description - MAX1608

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1608 MAXIM-MAX1608_V01 Datasheet
248Kb / 17P
   Octal SMBus-to-Parallel I/O Expanders
19-1639; Rev 1; 10/06
MAX7328 MAXIM-MAX7328 Datasheet
726Kb / 11P
   I2C Port Expanders with Eight I/O Ports
19-3829; Rev 1; 4/14
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
logo
Texas Instruments
PCA9539 TI1-PCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
logo
Pericom Semiconductor C...
PI4IOE5V9557 PERICOM-PI4IOE5V9557 Datasheet
597Kb / 15P
   SMBus I/O port with reset
logo
Texas Instruments
PCF8575C TI1-PCF8575C_15 Datasheet
1Mb / 38P
[Old version datasheet]   SMBus Low-Power I/O Expander
logo
Pericom Semiconductor C...
PI4IOE5V9536 PERICOM-PI4IOE5V9536 Datasheet
498Kb / 12P
   SMBus low power I/O port
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
   SMBus I/O port with Interrupt
logo
Texas Instruments
PCA9535 TI1-PCA9535_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com