Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1610CSE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1610CSE
Description  Digitally Controlled CCFL Backlight Power Supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1610CSE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1610CSE Datasheet HTML 1Page - Maxim Integrated Products MAX1610CSE Datasheet HTML 2Page - Maxim Integrated Products MAX1610CSE Datasheet HTML 3Page - Maxim Integrated Products MAX1610CSE Datasheet HTML 4Page - Maxim Integrated Products MAX1610CSE Datasheet HTML 5Page - Maxim Integrated Products MAX1610CSE Datasheet HTML 6Page - Maxim Integrated Products MAX1610CSE Datasheet HTML 7Page - Maxim Integrated Products MAX1610CSE Datasheet HTML 8Page - Maxim Integrated Products MAX1610CSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Digitally Controlled CCFL Backlight
Power Supplies
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(TA = 0°C to +70°C, BATT = 8.2V, MINDAC = 0V, unless otherwise noted. Typical values are at TA = +25°C.)
GND < OTP < VL
Guaranteed monotonic
OTP rising
CONDITIONS
MAX1610 LOGIC LEVELS
mV
500
CS Overcurrent Cutoff Threshold
µA
-1
1
OTP Input Bias Current
mV
-20
20
OTP Voltage Trip Point
OPEN AND SHORTED TUBE PROTECTION
µA
20
CC Source Current
µA
80
D/A at full scale
CC Sink Current
µmho
85
CSAV to CC Voltage-to-Current Converter
Transconductance
CC = 2V, CSAV = 1V, D/A at 1LSB
DAC Resolution
Bits
5
CC = 2V, CSAV = 1V, D/A at 1LSB
DAC AND ERROR AMPLIFIER
µA
-5
5
CSAV Input Bias Current
mV
232
247
260
CC = 2V, CSAV = 0V, D/A at full scale
CSAV Regulation Point
V
0
1.0
CSAV Input Voltage Range
V
3
MINDAC Digital PWM Threshold
V
01
MINDAC Input Voltage Range
µA
-1
1
MINDAC Input Bias Current
UNITS
MIN
TYP
MAX
PARAMETER
D/A at 1LSB
12
Referred to REF
V
0.8
SHDN, UP, DN Input Low Voltage
V
2.4
SHDN, UP, DN Input High Voltage
µA
-1
1
SHDN, UP, DN Input Bias Current
MAX1611 LOGIC LEVELS
V
0.8
SMBSUS, SDA, SCL Input Low Voltage
V
2.2
SMBSUS, SDA, SCL Input High Voltage
µA
-1
1
SMBSUS, SDA, SCL Input Bias Current
VSDA = 0.6V
mA
6
SDA Output Low Sink Current


Similar Part No. - MAX1610CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX161 MAXIM-MAX161 Datasheet
342Kb / 8P
   CMOS 8-Bit 8Channel Data Acquisition System
19-0894; Rev 1; 7/95
MAX161-MX7581 MAXIM-MAX161-MX7581 Datasheet
342Kb / 8P
   CMOS 8-Bit 8Channel Data Acquisition System
19-0894; Rev 1; 7/95
MAX1612 MAXIM-MAX1612 Datasheet
136Kb / 12P
   Bridge-Battery Backup Controllers for Notebooks
19-4785; Rev 0; 11/98
MAX16122 MAXIM-MAX16122 Datasheet
845Kb / 16P
   Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
MAX16122WT MAXIM-MAX16122WT Datasheet
845Kb / 16P
   Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
More results

Similar Description - MAX1610CSE

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Asahi Kasei Microsystem...
AME9002 AKM-AME9002 Datasheet
815Kb / 37P
   CCFL Backlight Controller
AME9003 AKM-AME9003 Datasheet
260Kb / 39P
   CCFL Backlight Controller
logo
Maxim Integrated Produc...
MAX8722C MAXIM-MAX8722C Datasheet
561Kb / 21P
   Low-Cost CCFL Backlight Controller
Rev 3; 2/09
MAX8722A MAXIM-MAX8722A Datasheet
383Kb / 20P
   Low-Cost CCFL Backlight Controller
19-3321; Rev 0; 10/05
MAX8722 MAXIM-MAX8722 Datasheet
331Kb / 20P
   Low-Cost CCFL Backlight Controller
Rev 0; 6/04
MAX8759 MAXIM-MAX8759 Datasheet
2Mb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
MAX1739 MAXIM-MAX1739 Datasheet
444Kb / 26P
   Wide Brightness Range CCFL Backlight Controllers
Rev 1; 3/01
logo
Marktech Corporate
MAX8759 MARKTECH-MAX8759 Datasheet
647Kb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
logo
Maxim Integrated Produc...
MAX753 MAXIM-MAX753_V01 Datasheet
433Kb / 16P
   CCFL Backlight and LCD Contrast Controllers
1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com