Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1612 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1612
Description  Bridge-Battery Backup Controllers for Notebooks
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1612 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1612 Datasheet HTML 2Page - Maxim Integrated Products MAX1612 Datasheet HTML 3Page - Maxim Integrated Products MAX1612 Datasheet HTML 4Page - Maxim Integrated Products MAX1612 Datasheet HTML 5Page - Maxim Integrated Products MAX1612 Datasheet HTML 6Page - Maxim Integrated Products MAX1612 Datasheet HTML 7Page - Maxim Integrated Products MAX1612 Datasheet HTML 8Page - Maxim Integrated Products MAX1612 Datasheet HTML 9Page - Maxim Integrated Products MAX1612 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
_______________Detailed Description
The MAX1612/MAX1613 manage the bridge battery
(auxiliary battery) in portable systems. These devices
consist of a timer block that monitors the charging
process, a linear regulator for supplying IC power and
external circuitry to the MAX1612/MAX1613, and a DC-
DC step-up converter that powers the system when the
main battery is removed (Figure 1). The boost DC-DC
converter reduces the number of bridge-battery cells
required to supply the system’s DC-DC converter.
When the main supply is present, the DC-DC converter
is inactive, reducing the drain on the main battery to
only 18µA. However, if the main battery voltage falls (as
detected by the low-battery comparator), the bridge
battery becomes the input source.
The MAX1612/MAX1613 have an internal linear regula-
tor set at +5V (MAX1612) or +3.3V (MAX1613). The lin-
ear regulator can deliver a load up to 10mA, making it
capable of powering external components such as a
microcontroller (Figure 4). An undervoltage lockout fea-
ture disables the device when the input voltage falls
below the operating range, preventing the DC-DC con-
verter from inadvertently powering up.
The MAX1612/MAX1613 feature an internal counter
intended to track the charging and discharging
process. The counter tracks the charge on the bridge
battery, allowing trickle charge to terminate when the
maximum charge is achieved. The charging rate is
determined by current through the ISET switch, and
limited by the switch’s maximum current specification
as well as by the bridge cell’s charging capability. As
Bridge-Battery Backup Controllers
for Notebooks
6
_______________________________________________________________________________________
N-CHANNEL
PGND
VCHARGE
VMAIN
RISET
L1
ISET
LRI
BBATT
VBBATT
LX
FB
D1
R1
R2
R3
COUT
LBI
DISCHARGE
OSCILLATOR
TIMER BLOCK
CHARGE/DISCHARGE
COUNTER
CHARGE
OSCILLATOR
2.0V
REFERENCE
+3.3/+5V
LINEAR REGULATOR
1.8V/2.0V
BBON
RBBON
DCMD
CCMD
FULL
CD
CC
CCD
CCC
GND
LRO
TO EXTERNAL
LOADS
LBO
TO MAIN
DC-DC
MAX1612
MAX1613
PULSE-
FREQUENCY
MODULATION
CONTROL
BLOCK
Figure 1. Functional Diagram


Similar Part No. - MAX1612

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16122 MAXIM-MAX16122 Datasheet
845Kb / 16P
   Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
MAX16122WT MAXIM-MAX16122WT Datasheet
845Kb / 16P
   Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
MAX16123 MAXIM-MAX16123 Datasheet
1Mb / 16P
   Dual Pushbutton Controllers
Rev 0; 7/12
MAX16123WT MAXIM-MAX16123WT Datasheet
845Kb / 16P
   Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
MAX16124 MAXIM-MAX16124 Datasheet
1Mb / 16P
   Dual Pushbutton Controllers
Rev 0; 7/12
More results

Similar Description - MAX1612

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
   Backup Battery Charger
logo
Texas Instruments
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
logo
Pentair plc. All rights...
MBSP-3 PENTAIR-MBSP-3 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
logo
Texas Instruments
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Pentair plc. All rights...
MBSP-2 PENTAIR-MBSP-2 Datasheet
5Mb / 40P
   Battery Backup System
MBSP-2C PENTAIR-MBSP-2C Datasheet
4Mb / 42P
   Battery Backup System
logo
Texas Instruments
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
logo
Mitsumi Electronics, Co...
MM1134 MITSUMI-MM1134 Datasheet
94Kb / 8P
   IC for System Reset (battery backup)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com