Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1612EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1612EEE
Description  Bridge-Battery Backup Controllers for Notebooks
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1612EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1612EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1612EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1612EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1612EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1612EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1612EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1612EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1612EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1612EEE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
where IPEAK is the peak current, IOUT is the load cur-
rent, VBBATT is the bridge-battery voltage, VD is the for-
ward drop across D1, VOUT is the output voltage, IIN is
average current provided by the bridge battery, and
VRDS(ON) is the voltage drop across the internal N-
channel power transistor at LX (typically 0.5V). A larger
number of cells reduces the IPEAK and, in effect,
reduces the discharge current, thereby extending the
discharge time. The same is true for decreasing the
output voltage or output current. For example, choose
the following values: IOUT = 100mA, VOUT = 5V, and
VBBATT = 2V (two cells). Using the minimum voltage of
1V for each cell, Table 2 summarizes some common
values.
Step 2: To avoid saturation, choose an inductor (L) with
a peak current rating above the IPEAK calculated in
Step 1. Use low series resistance (
200mΩ), to opti-
mize efficiency. In this example, a 15µH inductor is
used. See Table 4 for a list of component suppliers.
The “edge-of-continuous” DC-DC algorithm causes the
inductor value to fall out of the peak current equation.
Therefore, the exact inductor value chosen is not criti-
cal to the design. However, the switching frequency is
inversely proportional to inductance, so trade-offs of
switching losses versus physical inductor size can be
made by adjusting the inductor value.
where f is the switching frequency, VOUT is the output
voltage, VRDSON is the voltage across the internal MOS-
FET switch, VD is the forward voltage of D1, IPEAK is the
peak current, and VBBATT is the bridge battery voltage.
The maximum practical switching frequency is 400kHz.
Step 3: Choose the charging (CCC) and discharging
(CCD) timing capacitors. These capacitors set the fre-
quency that the counter increments/decrements.
CCC (nF) = 4.3 · expected charge time (in hours)
CCD (nF) = 4.3 · expected discharge time (in hours)
For instance, using a charge time of 16 hours and a dis-
charge time of one hour, CCC = 68nF and CCD = 4.3nF.
(Consult battery manufacturers’ specifications for stan-
dard charging information, which generally compen-
sates for battery inefficiencies.)
Step 4: Using the peak current calculated in Step 1,
calculate the series resistor (RBBON) as follows:
R BBON = (V BBON · 42,000) / IPEAK
where V BBON = 2V (internally regulated).
Step 5: Resistors R1, R2, and R3 set the DC-DC con-
verter’s output voltage and the low-battery comparator
trip value. The sum of R1, R2, and R3 must be less than
2M
Ω, to minimize leakage errors. Choose resistor R1 =
750k
Ω for the example. Calculate R2 and R3 as follows:
R2 = [ VOUT (R3) - 2 (R1) - 2 (R3) ] / (2 - VOUT )
R3 = (R1 + R2) / [ (VTRIP / 1.8) - 1]
Bridge-Battery Backup Controllers
for Notebooks
10
______________________________________________________________________________________
VOUT
(V)
VBBATT
(V)
AVERAGE
IPEAK (mA)
IIN
(mA)
MINIMUM
DISCHARGE TIME
(MINUTES)
6
4
300
150
20
6
2
600
300
10
5
2
500
250
12
4.5
2
450
225
13.2
6
3
400
200
15
5
3
333
167
18
4.5
3
300
150
20
5
4
250
125
24
Table 2. Summary of Common Values for
Designing with the MAX1612/MAX1613
Note:
In this table, IOUT = 100mA and battery capacity = 50mAh.
Table 3. Component List
INDUCTORS
CAPACITORS
RECTIFIERS
BATTERY
Sumida CD43
or CD54 series
Sprague 595D
series, AVX
TPS series
Motorola
MBR0530,
NIEC
EC10QS03L
Sanyo
N-50AAA
SUPPLIER
PHONE
FAX
AVX
USA: 207-287-5111
USA: 207-283-1941
Motorola
USA: 408-749-0510
800-521-6274
NIEC
USA: 805-867-2555
Japan: 81-3-3494-7411
USA: 805-867-2556
Japan: 81-3-3494-7414
Sumida
USA: 708-956-0666
Japan: 81-3-3607-5111
USA: 708-956-0702
Japan: 81-3-3607-5144
Table 4. Component Suppliers
Sanyo
USA: 619-661-6835
Japan: 81-7-2070-6306
USA: 619-661-1055
Japan: 81-7-2070-1174
f
1
L(I
)
(V
V
) (V
V
V )
(V
V
V )
PEAK
BBATT
RDSON
OUT
BBATT
D
OUT
RDSON
D
=


Similar Part No. - MAX1612EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16122 MAXIM-MAX16122 Datasheet
845Kb / 16P
   Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
MAX16122WT MAXIM-MAX16122WT Datasheet
845Kb / 16P
   Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
MAX16123 MAXIM-MAX16123 Datasheet
1Mb / 16P
   Dual Pushbutton Controllers
Rev 0; 7/12
MAX16123WT MAXIM-MAX16123WT Datasheet
845Kb / 16P
   Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
MAX16124 MAXIM-MAX16124 Datasheet
1Mb / 16P
   Dual Pushbutton Controllers
Rev 0; 7/12
More results

Similar Description - MAX1612EEE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
   Backup Battery Charger
logo
Texas Instruments
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
logo
Pentair plc. All rights...
MBSP-3 PENTAIR-MBSP-3 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
logo
Texas Instruments
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Pentair plc. All rights...
MBSP-2 PENTAIR-MBSP-2 Datasheet
5Mb / 40P
   Battery Backup System
MBSP-2C PENTAIR-MBSP-2C Datasheet
4Mb / 42P
   Battery Backup System
logo
Texas Instruments
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
logo
Mitsumi Electronics, Co...
MM1134 MITSUMI-MM1134 Datasheet
94Kb / 8P
   IC for System Reset (battery backup)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com