Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1610-MAX1611 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1610-MAX1611
Description  Digitally Controlled CCFL Backlight Power Supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1610-MAX1611 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1610-MAX1611 Datasheet HTML 1Page - Maxim Integrated Products MAX1610-MAX1611 Datasheet HTML 2Page - Maxim Integrated Products MAX1610-MAX1611 Datasheet HTML 3Page - Maxim Integrated Products MAX1610-MAX1611 Datasheet HTML 4Page - Maxim Integrated Products MAX1610-MAX1611 Datasheet HTML 5Page - Maxim Integrated Products MAX1610-MAX1611 Datasheet HTML 6Page - Maxim Integrated Products MAX1610-MAX1611 Datasheet HTML 7Page - Maxim Integrated Products MAX1610-MAX1611 Datasheet HTML 8Page - Maxim Integrated Products MAX1610-MAX1611 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Digitally Controlled CCFL Backlight
Power Supplies
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(TA = 0°C to +70°C, BATT = 8.2V, MINDAC = 0V, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
BATT to GND ............................................................-0.3V to 28V
BST to GND ..............................................................-0.3V to 30V
BST to LX ....................................................................-0.3V to 6V
LX to GND ................................................-0.6V to (BATT + 0.3V)
VL to GND...................................................................-0.3V to 6V
CS, CSAV, CC, SYNC, REF, MINDAC,
SS, OTP to GND............................................-0.3V to (VL + 0.3V)
SHDN, UP, DN to GND ...............................................-0.3V to 6V
SMBSUS, SDA, SCL to GND ......................................-0.3V to 6V
BATT, LX Current .....................................................................1A
SDA Current ........................................................................50mA
VL Current ...........................................................................50mA
Continuous Power Dissipation (TA = +70°C)
SO (derate 8.70mW/°C above +70°C) .........................696mW
Operating Temperature Range
MAX1610CSE/MAX1611CSE ..............................0°C to +70°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
SYNC = REF
SYNC = GND or VL
CONDITIONS
%
89
91
Power-Switch Maximum Duty Cycle
V
4.0
SYNC Input High Voltage
V
0.5
SYNC Input Low Voltage
µA
-1
1
SYNC Input Current
ns
200
BATT = 25V
SYNC Low Pulse Width
ns
200
SYNC High Pulse Width
kHz
240
350
Oscillator SYNC Pin Synchronization Range
kHz
125
145
165
4.75V < BATT < 26V
Oscillator Frequency
250
290
330
µA
10
No load
LX Switch Off-Leakage Current
0.7
1.0
ISOURCE = 100µA
BATT-to-LX Switch On-Resistance
SWITCHING REGULATOR
BST - LX = 4.1V
BATT Input Voltage Range
V
4.75
26
SUPPLY AND REFERENCE
SYNC = REF
mV
620
SYNC = GND
REF Load Regulation
V
1.92
2.0
2.08
REF Output Voltage
V
3.0
3.6
4.75
VL Output Voltage, Shutdown Mode
V
4.25
4.5
4.75
VL Output Voltage, Operate Mode
mA
1.5
3
BATT Quiescent Supply Current,
Operate Mode
µA
10
20
BATT Quiescent Supply Current,
Shutdown Mode
UNITS
MIN
TYP
MAX
PARAMETER
SS = GND
µA
2.5
4.0
5.5
SS Source Current
SS = 0.5V
mA
2
SS Sink Current


Similar Part No. - MAX1610-MAX1611

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX161 MAXIM-MAX161 Datasheet
342Kb / 8P
   CMOS 8-Bit 8Channel Data Acquisition System
19-0894; Rev 1; 7/95
MAX161-MX7581 MAXIM-MAX161-MX7581 Datasheet
342Kb / 8P
   CMOS 8-Bit 8Channel Data Acquisition System
19-0894; Rev 1; 7/95
MAX1612 MAXIM-MAX1612 Datasheet
136Kb / 12P
   Bridge-Battery Backup Controllers for Notebooks
19-4785; Rev 0; 11/98
MAX16122 MAXIM-MAX16122 Datasheet
845Kb / 16P
   Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
MAX16122WT MAXIM-MAX16122WT Datasheet
845Kb / 16P
   Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
More results

Similar Description - MAX1610-MAX1611

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Asahi Kasei Microsystem...
AME9002 AKM-AME9002 Datasheet
815Kb / 37P
   CCFL Backlight Controller
AME9003 AKM-AME9003 Datasheet
260Kb / 39P
   CCFL Backlight Controller
logo
Maxim Integrated Produc...
MAX8722C MAXIM-MAX8722C Datasheet
561Kb / 21P
   Low-Cost CCFL Backlight Controller
Rev 3; 2/09
MAX8722A MAXIM-MAX8722A Datasheet
383Kb / 20P
   Low-Cost CCFL Backlight Controller
19-3321; Rev 0; 10/05
MAX8722 MAXIM-MAX8722 Datasheet
331Kb / 20P
   Low-Cost CCFL Backlight Controller
Rev 0; 6/04
MAX8759 MAXIM-MAX8759 Datasheet
2Mb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
MAX1739 MAXIM-MAX1739 Datasheet
444Kb / 26P
   Wide Brightness Range CCFL Backlight Controllers
Rev 1; 3/01
logo
Marktech Corporate
MAX8759 MARKTECH-MAX8759 Datasheet
647Kb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
logo
Maxim Integrated Produc...
MAX753 MAXIM-MAX753_V01 Datasheet
433Kb / 16P
   CCFL Backlight and LCD Contrast Controllers
1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com