Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1624EAG Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1624EAG
Description  High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1624EAG Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1624EAG Datasheet HTML 3Page - Maxim Integrated Products MAX1624EAG Datasheet HTML 4Page - Maxim Integrated Products MAX1624EAG Datasheet HTML 5Page - Maxim Integrated Products MAX1624EAG Datasheet HTML 6Page - Maxim Integrated Products MAX1624EAG Datasheet HTML 7Page - Maxim Integrated Products MAX1624EAG Datasheet HTML 8Page - Maxim Integrated Products MAX1624EAG Datasheet HTML 9Page - Maxim Integrated Products MAX1624EAG Datasheet HTML 10Page - Maxim Integrated Products MAX1624EAG Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
High-Speed Step-Down Controllers with
Synchronous Rectification for CPU Power
_______________________________________________________________________________________
7
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, using the MAX1624 evaluation kit, unless otherwise noted.)
1.1020
1.1000
0.1
1
0.01
10
MAX1624
OUTPUT VOLTAGE vs. OUTPUT CURRENT
(VOUT = 1.1V)
1.1002
1.1006
1.1004
OUTPUT CURRENT (A)
1.1008
1.1010
1.1014
1.1012
1.1016
1.1018
LG = VCC
LG = REF
LG = AGND
R9 AND R10 = 4.7
2.500
2.490
0.1
1
0.01
10
MAX1624
OUTPUT VOLTAGE vs. OUTPUT CURRENT
(VOUT = 2.5V)
2.491
2.492
OUTPUT CURRENT (A)
2.493
2.494
2.496
2.495
2.497
2.498
2.499
LG = VCC
LG = REF
LG = AGND
R9 AND R10 = 4.7
3.500
3.480
0.1
1
0.01
10
MAX1624
OUTPUT VOLTAGE vs. OUTPUT CURRENT
(VOUT = 3.5V)
3.482
3.486
3.484
OUTPUT CURRENT (A)
3.488
3.494
3.490
3.492
3.496
3.498
LG = VCC
LG = REF
LG = AGND
R9 AND R10 = 4.7
5.094
1.094
0.001
0.1
1
0.01
10
REFERENCE VOLTAGE
vs. OUTPUT CURRENT
1.594
2.094
OUTPUT CURRENT (mA)
2.594
3.594
3.094
4.094
4.594
SOURCING
CURRENT
SINKING
CURRENT
50
55
0
MAXIMUM DUTY CYCLE
vs. SWITCHING FREQUENCY
65
60
70
SWITCHING FREQUENCY (kHz)
85
95
90
75
80
200
800
1000
1200
100
600
400
10
-10
1.7
2.3
2.9
1.1
3.5
MAX1624
OUTPUT ERROR vs.
DAC OUTPUT VOLTAGE SETTING
-8
-4
-6
DAC OUTPUT VOLTAGE SETTING (V)
-2
4
0
2
6
8


Similar Part No. - MAX1624EAG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX162 MAXIM-MAX162 Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MAX162-MX7572 MAXIM-MAX162-MX7572 Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MAX1620 MAXIM-MAX1620 Datasheet
253Kb / 20P
   Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
MAX1620-MAX1621 MAXIM-MAX1620-MAX1621 Datasheet
253Kb / 20P
   Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
MAX1620EEE MAXIM-MAX1620EEE Datasheet
253Kb / 20P
   Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
More results

Similar Description - MAX1624EAG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1638 MAXIM-MAX1638 Datasheet
149Kb / 16P
   High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1313; Rev 0; 11/97
MAX1639 MAXIM-MAX1639 Datasheet
108Kb / 13P
   High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1337; Rev 0; 2/98
MAX796 MAXIM-MAX796 Datasheet
319Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 3a; 11/97
MAX797CSE-T MAXIM-MAX797CSE-T Datasheet
1,005Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX796 MAXIM-MAX796_05 Datasheet
415Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX798 MAXIM-MAX798 Datasheet
89Kb / 12P
   High-Accuracy Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 12/96
MAX797H MAXIM-MAX797H Datasheet
59Kb / 8P
   High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 7/97
MAX1716 MAXIM-MAX1716 Datasheet
840Kb / 33P
   High-Speed, Adjustable, Synchronous Step-Down Controllers with Integrated Voltage Positioning
19-1758; Rev 0; 8/00
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
   Adjustable step-down controller with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com