Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1624-MAX1625 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1624-MAX1625
Description  High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1624-MAX1625 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1624-MAX1625 Datasheet HTML 6Page - Maxim Integrated Products MAX1624-MAX1625 Datasheet HTML 7Page - Maxim Integrated Products MAX1624-MAX1625 Datasheet HTML 8Page - Maxim Integrated Products MAX1624-MAX1625 Datasheet HTML 9Page - Maxim Integrated Products MAX1624-MAX1625 Datasheet HTML 10Page - Maxim Integrated Products MAX1624-MAX1625 Datasheet HTML 11Page - Maxim Integrated Products MAX1624-MAX1625 Datasheet HTML 12Page - Maxim Integrated Products MAX1624-MAX1625 Datasheet HTML 13Page - Maxim Integrated Products MAX1624-MAX1625 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
High-Speed Step-Down Controllers with
Synchronous Rectification for CPU Power
10
______________________________________________________________________________________
LOCAL
BYPASSING
N1
R1
N2
C2
R3
100k
R2
200k
C10
(OPTIONAL)
D1
(OPTIONAL)
R9
(OPTIONAL)
R10
(OPTIONAL)
C12
4.7nF
C11
4.7nF
VCC
VDD
CSH
PWROK
CSL
BST
DH
LX
DL
PGND
FB
AGND
REF
CC1
CC2
CC2
CC1
RC1
TO
AGND
C6, 1.0
µF
CERAMIC
R4, 40.1k
FOR 500kHz
R5
100k
C9
0.1
µF
C7
4.7
µF
R6
100
TO VDD
FREQ
C5
0.1
µF
C8
4.7
µF
D2
CMPSH-3
C4
0.1
µF
VIN = 5V
C1
R7
39
R8
39
LOAD
VOUT
L1
MAX1625
Figure 2. MAX1625 Standard Application Circuit


Similar Part No. - MAX1624-MAX1625

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX162 MAXIM-MAX162 Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MAX162-MX7572 MAXIM-MAX162-MX7572 Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MAX1620 MAXIM-MAX1620 Datasheet
253Kb / 20P
   Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
MAX1620-MAX1621 MAXIM-MAX1620-MAX1621 Datasheet
253Kb / 20P
   Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
MAX1620EEE MAXIM-MAX1620EEE Datasheet
253Kb / 20P
   Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
More results

Similar Description - MAX1624-MAX1625

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1638 MAXIM-MAX1638 Datasheet
149Kb / 16P
   High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1313; Rev 0; 11/97
MAX1639 MAXIM-MAX1639 Datasheet
108Kb / 13P
   High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1337; Rev 0; 2/98
MAX796 MAXIM-MAX796 Datasheet
319Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 3a; 11/97
MAX797CSE-T MAXIM-MAX797CSE-T Datasheet
1,005Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX796 MAXIM-MAX796_05 Datasheet
415Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX798 MAXIM-MAX798 Datasheet
89Kb / 12P
   High-Accuracy Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 12/96
MAX797H MAXIM-MAX797H Datasheet
59Kb / 8P
   High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 7/97
MAX1716 MAXIM-MAX1716 Datasheet
840Kb / 33P
   High-Speed, Adjustable, Synchronous Step-Down Controllers with Integrated Voltage Positioning
19-1758; Rev 0; 8/00
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
   Adjustable step-down controller with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com