Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1627ESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1627ESA
Description  5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1627ESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1627ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1627ESA Datasheet HTML 8Page - Maxim Integrated Products MAX1627ESA Datasheet HTML 9Page - Maxim Integrated Products MAX1627ESA Datasheet HTML 10Page - Maxim Integrated Products MAX1627ESA Datasheet HTML 11Page - Maxim Integrated Products MAX1627ESA Datasheet HTML 12Page - Maxim Integrated Products MAX1627ESA Datasheet HTML 13Page - Maxim Integrated Products MAX1627ESA Datasheet HTML 14Page - Maxim Integrated Products MAX1627ESA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Diode Selection
The MAX1626/MAX1627’s high switching frequency
demands a high-speed rectifier. Schottky diodes, such
as the 1N5817–1N5822 family or surface-mount equiva-
lents, are recommended. Ultra-high-speed rectifiers
with reverse recovery times around 50ns or faster, such
as the MUR series, are acceptable. Make sure that the
diode’s peak current rating exceeds the peak current
limit set by RSENSE, and that its breakdown voltage
exceeds V+. Schottky diodes are preferred for heavy
loads due to their low forward voltage, especially in
low-voltage applications. For high-temperature applica-
tions, some Schottky diodes may be inadequate due to
their high leakage currents. In such cases, ultra-high-
speed rectifiers are recommended, although a Schottky
diode with a higher reverse voltage rating can often
provide acceptable performance.
Capacitor Selection
Choose filter capacitors to service input and output
peak currents with acceptable voltage ripple.
Equivalent series resistance (ESR) in the capacitor is a
major contributor to output ripple, so low-ESR capaci-
tors are recommended. Sanyo OS-CON capacitors are
best, and low-ESR tantalum capacitors are second
best. Low-ESR aluminum electrolytic capacitors are tol-
erable, but do not use standard aluminum electrolytic
capacitors.
Voltage ripple is the sum of contributions from ESR and
the capacitor value:
To simplify selection, assume initially that two-thirds of
the ripple results from ESR and one-third results from
capacitor value. Voltage ripple as a consequence of
ESR is approximated by:
Estimate input and output capacitor values for given
voltage ripple as follows:
where I
∆L is the change in inductor current (around
0.5IPEAK under moderate loads).
These equations are suitable for initial capacitor selec-
tion; final values should be set by testing a prototype or
evaluation kit. When using tantalum capacitors, use
good soldering practices to prevent excessive heat
from damaging the devices and increasing their ESR.
Also, ensure that the tantalum capacitors’ surge-current
ratings exceed the start-up inrush and peak switching
currents.
Pursuing output ripple lower than the error compara-
tor’s hysteresis (0.5% of the output voltage) is not prac-
tical, since the MAX1626/MAX1627 will switch as
needed, until the output voltage crosses the hysteresis
threshold. Choose an output capacitor with a working
voltage rating higher than the output voltage.
The input filter capacitor reduces peak currents drawn
from the power source and reduces noise and voltage
ripple on V+ and CS, caused by the circuit’s switching
action. Use a low-ESR capacitor. Two smaller-value
low-ESR capacitors can be connected in parallel for
lower cost. Choose input capacitors with working volt-
age ratings higher than the maximum input voltage.
Place a surface-mount ceramic capacitor very close to
V+ and GND, as shown in Figure 7. This capacitor
bypasses the MAX1626/MAX1627, and prevents spikes
and ringing on the power source from obscuring the
C
LI
VV
C
LI
VV
V
VV
IN
L
RIPPLE CIN IN
OUT
L
RIPPLE COUT OUT
IN
IN
OUT
=
=


1
2
2
1
2
2
,
,
VRIPPLE,ESR ≈ ()(
)
RESR IPEAK
VRIPPLE ≈+
,,
VV
RIPPLE ESR
RIPPLE C
5V/3.3V or Adjustable, 100% Duty-Cycle,
High-Efficiency, Step-Down DC-DC Controllers
______________________________________________________________________________________
11
Table 2. Component Suppliers
COMPANY
PHONE
FAX
(803) 946-0690
AVX
USA
or
(803) 626-3123
(800) 282-4975
Coilcraft
USA
(847) 639-6400
(847) 639-1469
Coiltronics
USA
(516) 241-7876
(516) 241-9339
Dale
USA
(605) 668-4131
(605) 665-1627
International
USA
(310) 322-3331
(310) 322-3332
Rectifier
IRC
USA
(512) 992-7900
(512) 992-3377
Motorola
USA
(602) 303-5454
(602) 994-6430
Nichicon
USA
(847) 843-7500
(847) 843-2798
Japan
81-7-5231-8461
81-7-5256-4158
Nihon
USA
(805) 867-2555
(805) 867-2698
Japan
81-3-3494-7411
81-3-3494-7414
Sanyo
USA
(619) 661-6835
(619) 661-1055
Japan
81-7-2070-6306
81-7-2070-1174
(408) 988-8000
Siliconix
USA
or
(408) 970-3950
(800) 554-5565
Sprague
USA
(603) 224-1961
(603) 224-1430
Sumida
USA
(847) 956-0666
(847) 956-0702
Japan
81-3-3607-5111
81-3-3607-5144
United
USA
(714) 255-9500
(714) 255-9400
Chemi-Con


Similar Part No. - MAX1627ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1627ESA MAXIM-MAX1627ESA Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
More results

Similar Description - MAX1627ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com