Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1634CAI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1634CAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1634CAI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1634CAI Datasheet HTML 1Page - Maxim Integrated Products MAX1634CAI Datasheet HTML 2Page - Maxim Integrated Products MAX1634CAI Datasheet HTML 3Page - Maxim Integrated Products MAX1634CAI Datasheet HTML 4Page - Maxim Integrated Products MAX1634CAI Datasheet HTML 5Page - Maxim Integrated Products MAX1634CAI Datasheet HTML 6Page - Maxim Integrated Products MAX1634CAI Datasheet HTML 7Page - Maxim Integrated Products MAX1634CAI Datasheet HTML 8Page - Maxim Integrated Products MAX1634CAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
________________General Description
The MAX1630–MAX1635 are buck-topology, step-down,
switch-mode, power-supply controllers that generate
logic-supply voltages in battery-powered systems. These
high-performance, dual/triple-output devices include on-
board power-up sequencing, power-good signaling with
delay, digital soft-start, secondary winding control, low-
dropout circuitry, internal frequency-compensation net-
works, and automatic bootstrapping.
Up to 96% efficiency is achieved through synchronous
rectification and Maxim’s proprietary Idle Mode™ control
scheme. Efficiency is greater than 80% over a 1000:1
load-current range, which extends battery life in system-
suspend or standby mode. Excellent dynamic response
corrects output load transients caused by the latest
dynamic-clock CPUs within five 300kHz clock cycles.
Strong 1A on-board gate drivers ensure fast external
N-channel MOSFET switching.
These devices feature a logic-controlled and synchroniz-
able, fixed-frequency, pulse-width-modulation (PWM)
operating mode. This reduces noise and RF interference
in sensitive mobile communications and pen-entry appli-
cations. Asserting the SKIP pin enables fixed-frequency
mode, for lowest noise under all load conditions.
The MAX1630–MAX1635 include two PWM regulators,
adjustable from 2.5V to 5.5V with fixed 5.0V and 3.3V
modes. All these devices include secondary feedback
regulation, and the MAX1630/MAX1632/MAX1633/
MAX1635 each contain 12V/120mA linear regulators. The
MAX1631/MAX1634 include a secondary feedback input
(SECFB), plus a control pin (STEER) that selects which
PWM (3.3V or 5V) receives the secondary feedback sig-
nal. SECFB provides a method for adjusting the sec-
ondary winding voltage regulation point with an external
resistor divider, and is intended to aid in creating auxiliary
voltages other than fixed 12V.
The MAX1630/MAX1631/MAX1632 contain internal out-
put overvoltage and undervoltage protection features.
________________________Applications
Notebook and Subnotebook Computers
PDAs and Mobile Communicators
Desktop CPU Local DC-DC Converters
____________________________Features
o 96% Efficiency
o +4.2V to +30V Input Range
o 2.5V to 5.5V Dual Adjustable Outputs
o Selectable 3.3V and 5V Fixed or Adjustable
Outputs (Dual Mode™)
o 12V Linear Regulator
o Adjustable Secondary Feedback
(MAX1631/MAX1634)
o 5V/50mA Linear Regulator Output
o Precision 2.5V Reference Output
o Programmable Power-Up Sequencing
o Power-Good (RESET) Output
o Output Overvoltage Protection
(MAX1630/MAX1631/MAX1632)
o Output Undervoltage Shutdown
(MAX1630/MAX1631/MAX1632)
o 200kHz/300kHz Low-Noise, Fixed-Frequency
Operation
o Low-Dropout, 99% Duty-Factor Operation
o 2.5mW Typical Quiescent Power (+12V input, both
SMPSs on)
o 4µA Typical Shutdown Current
o 28-Pin SSOP Package
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
________________________________________________________________
Maxim Integrated Products
1
5V
LINEAR
12V
LINEAR
POWER-UP
SEQUENCE
POWER-
GOOD
3.3V
SMPS
5V
SMPS
RESET
ON/OFF
+5V (RTC)
+3.3V
INPUT
+5V
+12V
________________Functional Diagram
19-0480; Rev 3; 4/97
PART
MAX1630CAI
MAX1630EAI
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
28 SSOP
28 SSOP
EVALUATION
KIT
AVAILABLE
_______________Ordering Information
Ordering Information continued on last page.
Pin Configurations and Selector Guide appear at end of data
sheet.
Idle Mode and Dual Mode are trademarks of Maxim Integrated
Products.


Similar Part No. - MAX1634CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1634CAI MAXIM-MAX1634CAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
More results

Similar Description - MAX1634CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
MAX1632AEAI MAXIM-MAX1632AEAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX1901 MAXIM-MAX1901 Datasheet
649Kb / 33P
   500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 3; 12/03
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com