Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1645-MAX1645A Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1645-MAX1645A
Description  Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1645-MAX1645A Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1645-MAX1645A Datasheet HTML 7Page - Maxim Integrated Products MAX1645-MAX1645A Datasheet HTML 8Page - Maxim Integrated Products MAX1645-MAX1645A Datasheet HTML 9Page - Maxim Integrated Products MAX1645-MAX1645A Datasheet HTML 10Page - Maxim Integrated Products MAX1645-MAX1645A Datasheet HTML 11Page - Maxim Integrated Products MAX1645-MAX1645A Datasheet HTML 12Page - Maxim Integrated Products MAX1645-MAX1645A Datasheet HTML 13Page - Maxim Integrated Products MAX1645-MAX1645A Datasheet HTML 14Page - Maxim Integrated Products MAX1645-MAX1645A Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Advanced Chemistry-Independent, Level 2
Battery Chargers with Input Current Limiting
______________________________________________________________________________________
11
Detailed Description
The MAX1645/MAX1645A consist of current-sense
amplifiers, an SMBus interface, transconductance
amplifiers, reference circuitry, and a DC–DC converter
(Figure 2). The DC–DC converter generates the control
signals for the external MOSFETs to maintain the volt-
age and the current set by the SMBus interface. The
MAX1645/MAX1645A feature a voltage-regulation loop
and two current-regulation loops. The loops operate
independently of each other. The voltage-regulation
loop monitors BATT to ensure that its voltage never
exceeds the voltage set point (V0). The battery current-
regulation loop monitors current delivered to BATT to
ensure that it never exceeds the current-limit set point
(I0). The battery current-regulation loop is in control as
long as BATT voltage is below V0. When BATT voltage
reaches V0, the current loop no longer regulates. A
third loop reduces the battery-charging current when
the sum of the system (the main load) and the battery
charger input current exceeds the charging source cur-
rent limit.
Setting Output Voltage
The MAX1645/MAX1645A voltage DACs have a 16mV
LSB and an 18.432V full scale. The SMBus specifica-
tion allows for a 16-bit ChargingVoltage() command
that translates to a 1mV LSB and a 65.535V full-scale
voltage; therefore, the ChargingVoltage() value corre-
sponds to the output voltage in millivolts. The
MAX1645/MAX1645A ignore the first four LSBs and use
the next 11 LSBs to control the voltage DAC. All codes
greater than or equal to 0b0100 1000 0000 0000
(18432mV) result in a voltage overrange, limiting the
charger voltage to 18.432V. All codes below 0b0000
0100 0000 0000 (1024mV) terminate charging.
Setting Output Current
The MAX1645/MAX1645A current DACs have a 64mA
LSB and a 3.008A full scale. The SMBus specification
allows for a 16-bit ChargingCurrent() command that
translates to a 1mA LSB and a 65.535A full-scale cur-
rent; the ChargingCurrent() value corresponds to the
charging voltage in milliamps. The MAX1645/
MAX1645A drop the first six LSBs and use the next
six LSBs to control the current DAC. All codes above
0b00 1011 1100 0000 (3008mA) result in a current
overrange, limiting the charger current to 3.008A. All
codes below 0b0000 0000 1000 0000 (128mA) turn the
charging current off. A 50m
Ω sense resistor (R2 in
Figure 1) is required to achieve the correct CODE/cur-
rent scaling.
Input Current Limiting
The MAX1645/MAX1645A limit the current drawn by the
charger when the load current becomes high. The
devices limit the charging current so the AC adapter
voltage is not loaded down. An internal amplifier, CSS,
compares the voltage between CSSP and CSSN to the
voltage at CLS/20. VCLS is set by a resistor-divider
between REF and GND.
The input source current is the sum of the device cur-
rent, the charge input current, and the load current. The
device current is minimal (6mA max) in comparison to
the charge and load currents. The charger input cur-
rent is generated by the DC-DC converter; therefore, the
actual source current required is determined as follows:
ISOURCE = ILOAD + [(ICHARGE · VBATT) / (VIN ·
η)]
where
η is the efficiency of the DC-DC converter (typi-
cally 85% to 95%).
VCLS determines the threshold voltage of the CSS com-
parator. R3 and R4 (Figure 1) set the voltage at CLS.
Sense resistor R1 sets the maximum allowable source
current. Calculate the maximum current as follows:
IMAX = VCLS / (20 · R1)
(Limit VCSSP - VCSSN to between 102.4mV and
204.8mV.)
The configuration in Figure 1 provides an input current
limit of:
IMAX = (2.048V / 20) / 0.04
Ω = 2.56A
LDO Regulator
An integrated LDO regulator provides a +5.4V supply
derived from DCIN, which can deliver up to 15mA of
current. The LDO sets the gate-drive level of the NMOS
switches in the DC-DC converter. The drivers are actu-
ally powered by DLOV and BST, which must be con-
nected to LDO through a lowpass filter and a diode as
shown in Figure 1. See also the MOSFET Drivers sec-
tion. The LDO also supplies the 4.096V reference and
most of the control circuitry. Bypass LDO with a 1µF
capacitor.
VDD Supply
This input provides power to the SMBus interface and
the thermistor comparators. Typically connect VDD to
LDO or, to keep the SMBus interface of the
MAX1645/MAX1645A active while the supply to DCIN is
removed, connect an external supply to VDD.


Similar Part No. - MAX1645-MAX1645A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1645B MAXIM-MAX1645B Datasheet
357Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Rev 0; 10/02
MAX1645BEEI MAXIM-MAX1645BEEI Datasheet
357Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Rev 0; 10/02
MAX1645EEI MAXIM-MAX1645EEI Datasheet
183Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
19-1566; Rev 0a; 10/99
More results

Similar Description - MAX1645-MAX1645A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1644 MAXIM-MAX1644 Datasheet
183Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
19-1566; Rev 0a; 10/99
MAX1645B MAXIM-MAX1645B Datasheet
357Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Rev 0; 10/02
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
   Chemistry-Independent Battery Chargers
2002
MAX1647 MAXIM-MAX1647 Datasheet
161Kb / 24P
   Chemistry-Independent Battery Chargers
19-1158; Rev 0; 12/96
MAX1667 MAXIM-MAX1667 Datasheet
225Kb / 28P
   Chemistry-Independent, Level 2 Smart Battery Charger
19-1488; Rev 0; 7/99
MAX1667 MAXIM-MAX1667_V01 Datasheet
307Kb / 26P
   Chemistry-Independent, Level 2 Smart Battery Charger
2003
logo
Texas Instruments
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
logo
Leshan Radio Company
LR1084 LRC-LR1084_12 Datasheet
282Kb / 11P
   Current Limiting and Thermal Protection Battery Chargers
logo
Texas Instruments
BQ24747 TI-BQ24747 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator and Charge Enable Pin
logo
Linear Technology
LT1511 LINER-LT1511 Datasheet
145Kb / 16P
   Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com