Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1648ESE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1648ESE
Description  Chemistry-Independent Battery Chargers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1648ESE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1648ESE Datasheet HTML 6Page - Maxim Integrated Products MAX1648ESE Datasheet HTML 7Page - Maxim Integrated Products MAX1648ESE Datasheet HTML 8Page - Maxim Integrated Products MAX1648ESE Datasheet HTML 9Page - Maxim Integrated Products MAX1648ESE Datasheet HTML 10Page - Maxim Integrated Products MAX1648ESE Datasheet HTML 11Page - Maxim Integrated Products MAX1648ESE Datasheet HTML 12Page - Maxim Integrated Products MAX1648ESE Datasheet HTML 13Page - Maxim Integrated Products MAX1648ESE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Chemistry-Independent
Battery Chargers
10
______________________________________________________________________________________
UNITS
QTY
DESIGNATION
Table 1a. Component Selection for Figure 3 Circuit (Also Use for Figure 4)
SOURCE/TYPE
NOTES
Sprague, 595D476X0020D7T, D case
AVX, TPSE476M020R0150, E case
20V, ESR at 250kHz
≤ 0.4Ω
µF
0.1
C2, C4, C7, C9
10V, ceramic or low ESR
µF
1
C5
nF
47
C3
µF
47
C1
35V
10V
nF
22
C8
µF
22
C6
NIEC, NSQ03A04, FLAT-PAK (SMC)
NIEC, 30VQ04F, TO-252AA (SMD)
Motorola, MBRS340T3, SMC
Motorola, MBRD340T4, DPAK
Diodes Inc., SK33, SMC
IR, 30BQ040, SMC
3A IDC, 30V Schottky diode,
PD > 0.8W, 1N5821 equivalent
50mA IDC, 40V fast-recovery diode,
1N4150 equivalent
D2, D5
Motorola, MMSF5N03HD, SO-8
Motorola, MMDF3N03HD, SO-8
Motorola, MTD20N03HDL, DPAK
IR, IRF7201, SO-8
IR, IRF7303, SO-8
IR, IRF7603, Micro8
Siliconix, Si9410DY, SO-8
Siliconix, Si9936DY, SO-8
Siliconix, Si6954DQ, TSSOP-8
RDS, ON ≤ 0.1Ω, VDSS ≥ 30V,
PD > 0.5W, logic level, N-channel
power MOSFET
Motorola, 2N7002LT1, SOT23
Motorola, MMBF170LT1, SOT23
Diodes Inc., 2N7002, SOT23
Diodes Inc., BS870, SOT23
Zetex, ZVN3306F, SOT23
Central Semiconductor, 2N7002, SOT23
RDS, ON ≤ 10Ω, VDSS ≥ 30V,
logic level, N-channel power
MOSFET, 2N7002 equivalent
M2
M1
D1, D3, D4
VCE, MAX ≤ -30V, 50mA IC, CONT,
2N3906 equivalent
Q1
IRC, CHP1100R100F13, 2512
IRC, LR251201R100F, 2512
Dale, WSL-2512/0.1
Ω/±1%, 2512
±1%, 1W
m
100
R1A
Sumida, RCH-110/220M, 10mm x 10mm x 10mm
Coiltronics, UP2-220, 0.541" x 0.345" x 0.231"
Coilcraft, DO3340P-223, 0.510" x 0.370" x 0.450"
Coilcraft, DO5022P-223, 0.730" x 0.600" x 0.280"
±20%, 3A ISAT
Note: size in L x W x H
µH
22
L1
±5%, 1/8W
1
R1B
±5%, 1/16W
k
10
R2, R4
±1%, 1/16W
k
10
R3
±5%, 1/16W
10
R5, R7
±5%, 1/8W
k
10
R6
4.3V zener diode,
1N4731 or equivalent
D6


Similar Part No. - MAX1648ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1648ESE MAXIM-MAX1648ESE Datasheet
333Kb / 25P
   Chemistry-Independent Battery Chargers
2002
More results

Similar Description - MAX1648ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
   Chemistry-Independent Battery Chargers
2002
MAX1645 MAXIM-MAX1645 Datasheet
330Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting
19-1566; Rev 2; 1/01
MAX1667 MAXIM-MAX1667 Datasheet
225Kb / 28P
   Chemistry-Independent, Level 2 Smart Battery Charger
19-1488; Rev 0; 7/99
MAX1667 MAXIM-MAX1667_V01 Datasheet
307Kb / 26P
   Chemistry-Independent, Level 2 Smart Battery Charger
2003
MAX1644 MAXIM-MAX1644 Datasheet
183Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
19-1566; Rev 0a; 10/99
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
   BATTERY CHARGERS
logo
Maxim Integrated Produc...
MAX1645B MAXIM-MAX1645B Datasheet
357Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Rev 0; 10/02
logo
Shanghai Consonance Ele...
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com