Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1632 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1632
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1632 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1632 Datasheet HTML 7Page - Maxim Integrated Products MAX1632 Datasheet HTML 8Page - Maxim Integrated Products MAX1632 Datasheet HTML 9Page - Maxim Integrated Products MAX1632 Datasheet HTML 10Page - Maxim Integrated Products MAX1632 Datasheet HTML 11Page - Maxim Integrated Products MAX1632 Datasheet HTML 12Page - Maxim Integrated Products MAX1632 Datasheet HTML 13Page - Maxim Integrated Products MAX1632 Datasheet HTML 14Page - Maxim Integrated Products MAX1632 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
_______________Detailed Description
The MAX1630 is a dual, BiCMOS, switch-mode power-
supply controller designed primarily for buck-topology
regulators in battery-powered applications where high effi-
ciency and low quiescent supply current are critical. Light-
load efficiency is enhanced by automatic Idle Mode™
operation, a variable-frequency pulse-skipping mode that
reduces transition and gate-charge losses. Each step-
down, power-switching circuit consists of two N-channel
MOSFETs, a rectifier, and an LC output filter. The output
voltage is the average AC voltage at the switching node,
which is regulated by changing the duty cycle of the
MOSFET switches. The gate-drive signal to the N-channel
high-side MOSFET must exceed the battery voltage, and
is provided by a flying-capacitor boost circuit that uses a
100nF capacitor connected to BST_.
Devices in the MAX1630 family contain ten major circuit
blocks (Figure 2).
The two pulse-width modulation (PWM) controllers each
consist of a Dual Mode™ feedback network and multi-
plexer, a multi-input PWM comparator, high-side and
low-side gate drivers, and logic. MAX1630/MAX1631/
MAX1632 contain fault-protection circuits that monitor
the main PWM outputs for undervoltage and overvolt-
age. A power-on sequence block controls the power-
up timing of the main PWMs and determines whether
one or both of the outputs are monitored for undervolt-
age faults. The MAX1630/MAX1632/MAX1633/
MAX1635 include a secondary feedback network and
12V linear regulator to generate a 12V output from a
coupled-inductor flyback winding. The MAX1631/
MAX1634 have a secondary feedback input (SECFB)
instead, which allows a quasi-regulated, adjustable-
output, coupled-inductor flyback winding to be attached
to either the 3.3V or the 5V main inductor. Bias genera-
tor blocks include the 5V IC internal rail (VL) linear regu-
lator, 2.5V precision reference, and automatic bootstrap
switchover circuit. The PWMs share a common
200kHz/300kHz synchronizable oscillator.
These internal IC blocks aren’t powered directly from
the battery. Instead, the 5V VL linear regulator steps
down the battery voltage to supply both VL and the
gate drivers. The synchronous-switch gate drivers are
directly powered from VL, while the high-side switch
gate drivers are indirectly powered from VL via an
external diode-capacitor boost circuit. An automatic
bootstrap circuit turns off the +5V linear regulator and
powers the IC from the 5V PWM output voltage if the
output is above 4.5V.
PWM Controller Block
The two PWM controllers are nearly identical. The only
differences are fixed output settings (3.3V vs. 5V), the
VL/CSL5 bootstrap switch connected to the +5V PWM,
and SECFB. The heart of each current-mode PWM con-
troller is a multi-input, open-loop comparator that sums
three signals: the output voltage error signal with
respect to the reference voltage, the current-sense sig-
nal, and the slope compensation ramp (Figure 3). The
PWM controller is a direct-summing type, lacking a tra-
ditional error amplifier and the phase shift associated
with it. This direct-summing configuration approaches
ideal cycle-by-cycle control over the output voltage.
When SKIP = low, Idle Mode circuitry automatically
optimizes efficiency throughout the load current range.
Idle Mode dramatically improves light-load efficiency
by reducing the effective frequency, which reduces
switching losses. It keeps the peak inductor current
above 25% of the full current limit in an active cycle,
allowing subsequent cycles to be skipped. Idle Mode
transitions seamlessly to fixed-frequency PWM opera-
tion as load current increases.
With SKIP = high, the controller always operates in
fixed-frequency PWM mode for lowest noise. Each
pulse from the oscillator sets the main PWM latch that
turns on the high-side switch for a period determined
by the duty factor (approximately VOUT/VIN). As the
high-side switch turns off, the synchronous rectifier
latch sets; 60ns later, the low-side switch turns on. The
low-side switch stays on until the beginning of the next
clock cycle.
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
______________________________________________________________________________________
11
Table 3. SKIP PWM Table
Low
Light
LOAD
CURRENT
Pulse-skipping, supply cur-
rent = 250µA at VIN = 12V,
discontinuous inductor
current
DESCRIPTION
Low
Heavy
Constant-frequency PWM,
continuous inductor current
SKIP
Idle
MODE
PWM
High
Light
PWM
Constant-frequency PWM,
continuous inductor current
PWM
High
Heavy
Constant-frequency PWM,
continuous inductor current


Similar Part No. - MAX1632

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1632A MAXIM-MAX1632A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX1632AEAI MAXIM-MAX1632AEAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
MAX1632AEAI++ MAXIM-MAX1632AEAI+ Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
MAX1632CAI MAXIM-MAX1632CAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
MAX1632EAI MAXIM-MAX1632EAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
More results

Similar Description - MAX1632

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
MAX1632AEAI MAXIM-MAX1632AEAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX1901 MAXIM-MAX1901 Datasheet
649Kb / 33P
   500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 3; 12/03
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com