Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1666S Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1666S
Description  Advanced Lithium-Ion Battery-Pack Protector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1666S Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1666S Datasheet HTML 2Page - Maxim Integrated Products MAX1666S Datasheet HTML 3Page - Maxim Integrated Products MAX1666S Datasheet HTML 4Page - Maxim Integrated Products MAX1666S Datasheet HTML 5Page - Maxim Integrated Products MAX1666S Datasheet HTML 6Page - Maxim Integrated Products MAX1666S Datasheet HTML 7Page - Maxim Integrated Products MAX1666S Datasheet HTML 8Page - Maxim Integrated Products MAX1666S Datasheet HTML 9Page - Maxim Integrated Products MAX1666S Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Advanced Lithium-Ion
Battery-Pack Protector
6
_______________________________________________________________________________________
100ms/div
OVERCHARGE
(0.5V/div)
(10V/div)
PKN
CGO
tP-DELAY
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
100ms/div
OVERVOLTAGE FAULT
4.1V
(1V/div)
4.5V
12
3
4
12
3
4
REF
(10V/div)
CGO
tF-DELAY
tF-DELAY
VCELL2 = VCELL3 = VCELL4 = 4.15V,
OVERVOLTAGE THRESHOLD = 4.4V
100ms/div
UNDERVOLTAGE FAULT
3.4V
2.9V
(10V/div)
(1V/div)
(10V/div)
REF
DSO
WRN
tF-DELAY
tF-DELAY
VCELL2 = VCELL3 = VCELL4 = 3.35V,
UNDERVOLTAGE THRESHOLD = 3.0V,
UVA = REF
1
2
34
1 2
34
100ms/div
CELL MISMATCH FAULT
3.4V
2.9V
3
2
14
1
2
3
4
(10V/div)
(1V/div)
(10V/div)
REF
DSO
PKF
tF-DELAY
tF-DELAY
VCELL2 = VCELL3 = VCELL4 = 3.6V,
CELL MISMATCH THRESHOLD = 0.5V,
MMA = REF
100ms/div
UNDERVOLTAGE FAULT WITHOUT
CHARGE SOURCE (VSRC < VB4P + 1V)
VCELL2 = VCELL3 = VCELL4 = 3.35V,
UNDERVOLTAGE THRESHOLD = 3.0V,
UVA = REF
3.4V
2.9V
(1V/div)
(10V/div)
(2V/div)
REF
VCC
DSO


Similar Part No. - MAX1666S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1666S MAXIM-MAX1666S Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
MAX1666SEEE MAXIM-MAX1666SEEE Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
More results

Similar Description - MAX1666S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
logo
National Semiconductor ...
LM3641 NSC-LM3641 Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
logo
Shenzhen Huazhimei Semi...
HM5410G HMSEMI-HM5410G Datasheet
625Kb / 13P
   1 lithium-ion rechargeable battery pack
logo
Richtek Technology Corp...
RT9501A RICHTEK-RT9501A_07 Datasheet
209Kb / 9P
   Advanced Lithium-Ion Linear Battery Charger
logo
Texas Instruments
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
   Lithium-ion Battery
1.1
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
   Lithium ion battery
logo
Shenzhen Huazhimei Semi...
DW01A HMSEMI-DW01A Datasheet
1Mb / 7P
   Protection IC for One-Cell Lithium-Ion / Lithium-Polymer Battery Pack
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com