Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1667 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1667
Description  Chemistry-Independent, Level 2 Smart Battery Charger
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1667 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1667 Datasheet HTML 5Page - Maxim Integrated Products MAX1667 Datasheet HTML 6Page - Maxim Integrated Products MAX1667 Datasheet HTML 7Page - Maxim Integrated Products MAX1667 Datasheet HTML 8Page - Maxim Integrated Products MAX1667 Datasheet HTML 9Page - Maxim Integrated Products MAX1667 Datasheet HTML 10Page - Maxim Integrated Products MAX1667 Datasheet HTML 11Page - Maxim Integrated Products MAX1667 Datasheet HTML 12Page - Maxim Integrated Products MAX1667 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Chemistry-Independent,
Level 2 Smart Battery Charger
_______________________________________________________________________________________
9
Pin Description
Linear Current-Source Output
1
IOUT
Input Voltage for Powering Charger
2
DCIN
Voltage-Regulation-Loop Compensation Point
4
CCV
IC Power Supply. 5.4V linear-regulator output from DCIN.
3
VL
Current-Range Selector. Connecting SEL to VL sets a 4A full-scale current. Leaving SEL
open sets a 3A full-scale current. Connecting SEL to AGND sets a 1A full-scale current.
6
SEL
Battery Voltage Input and Current-Sense Negative Input
8
BATT
Current-Sense Positive Input
7
CS
Current-Regulation-Loop Compensation Point
5
CCI
+4.096V Reference Voltage Output or External Reference Input
9
REF
Open-Drain Interrupt Output
11
INT
Analog Ground
10
AGND
Thermistor Sense Voltage Input
12
THM
Serial Data (need external pull-up resistor)
14
SDA
Power Ground
16
PGND
Voltage DAC Output Filtering Point
15
DACV
Serial Clock (need external pull-up resistor)
13
SCL
High-Side Power MOSFET Driver Output
18
DHI
Power Connection for the High-Side Power MOSFET Driver
20
BST
Power Connection for the High-Side Power MOSFET Driver
19
LX
Low-Side Power MOSFET Driver Output
17
DLO
FUNCTION
PIN
NAME


Similar Part No. - MAX1667

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1667 MAXIM-MAX1667 Datasheet
307Kb / 26P
   Chemistry-Independent, Level 2 Smart Battery Charger
2003
MAX1667EAP MAXIM-MAX1667EAP Datasheet
307Kb / 26P
   Chemistry-Independent, Level 2 Smart Battery Charger
2003
MAX1667 MAXIM-MAX1667_V01 Datasheet
307Kb / 26P
   Chemistry-Independent, Level 2 Smart Battery Charger
2003
More results

Similar Description - MAX1667

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1667 MAXIM-MAX1667_V01 Datasheet
307Kb / 26P
   Chemistry-Independent, Level 2 Smart Battery Charger
2003
MAX1644 MAXIM-MAX1644 Datasheet
183Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
19-1566; Rev 0a; 10/99
MAX1645B MAXIM-MAX1645B Datasheet
357Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Rev 0; 10/02
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
   Chemistry-Independent Battery Chargers
2002
MAX1647 MAXIM-MAX1647 Datasheet
161Kb / 24P
   Chemistry-Independent Battery Chargers
19-1158; Rev 0; 12/96
MAX1645 MAXIM-MAX1645 Datasheet
330Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting
19-1566; Rev 2; 1/01
logo
Shanghai Consonance Ele...
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
logo
Linear Technology
LTC1759 LINER-LTC1759 Datasheet
362Kb / 28P
   Smart Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com