Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1642D-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1642D-T
Description  High-Efficiency, Step-Up DC-DC Converters for 1V Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1642D-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1642D-T Datasheet HTML 4Page - Maxim Integrated Products MAX1642D-T Datasheet HTML 5Page - Maxim Integrated Products MAX1642D-T Datasheet HTML 6Page - Maxim Integrated Products MAX1642D-T Datasheet HTML 7Page - Maxim Integrated Products MAX1642D-T Datasheet HTML 8Page - Maxim Integrated Products MAX1642D-T Datasheet HTML 9Page - Maxim Integrated Products MAX1642D-T Datasheet HTML 10Page - Maxim Integrated Products MAX1642D-T Datasheet HTML 11Page - Maxim Integrated Products MAX1642D-T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
High-Efficiency, Step-Up
DC-DC Converters for 1V Inputs
8
_______________________________________________________________________________________
BATTLO (MAX1643)
The MAX1643 contains an on-chip comparator for low-
battery detection. If the voltage at BATT drops below
1V, BATTLO sinks current. BATTLO is an open-drain
output. In combination with PFI/PFO, this allows moni-
toring of both the input and output voltages.
Reverse-Battery Protection
The MAX1642/MAX1643 can sustain/survive single-cell
battery reversal up to the package power-dissipation
limit. An internal 5
Ω resistor in series with a diode limits
reverse current to less than 220mA, which prevents dam-
age to the MAX1642/MAX1643. Prolonged operation
above 220mA reverse-battery current can degrade the
devices’ performance.
________________Design Information
Output Voltage Selection
The MAX1642/MAX1643 operate with a 3.3V ±4% or
adjustable output. To select fixed-voltage operation, con-
nect FB to GND. For an adjustable output between 2V
and 5.2V, connect FB to a resistor voltage divider
between OUT and GND (Figure 4). FB regulates to 1.23V.
Since FB leakage is 10nA max, select feedback resistor
R2 in the 100k
Ω to 1MΩ range. R1 is given by:
where VREF = 1.23V.
Power-Fail Detection
The MAX1642/MAX1643 have an on-chip comparator for
power-fail detection. This comparator can detect loss of
power at the input or output. If the voltage at PFI falls
below 614mV, the PFO output sinks current to GND.
Hysteresis at the power-fail input is 1%. The power-fail
monitor’s threshold is set by two resistors: R3 and R4
(Figure 5). Set the threshold using the following equation:
where VTH is the desired threshold of the power-fail
detector, and VPFI is the 614mV reference of the power-
fail comparator. Since PFI leakage is 10nA max, select
feedback resistor R4 in the 100k
Ω to 1MΩ range.
Low-Battery Start-Up
The MAX1642/MAX1643 are bootstrapped circuits with
a low-voltage start-up oscillator. They can start under
low-load conditions at lower battery voltages than at full
load. Once started, the output can maintain the load as
the battery voltage decreases below the start-up volt-
age (see
Typical Operating Characteristics).
Inductor Selection
A 100µH inductor is recommended for most appli-
cations. The use of lower inductor values (down to
68µH) increases maximum output current. Higher val-
ues (up to 220µH) reduce peak inductor current and
consequent ripple and noise. The inductor’s saturation-
current rating must exceed the peak current limit syn-
thesized by the MAX1642/MAX1643’s timing
algorithms:
where KMAX = 35V-µs. The maximum recommended
IPEAK is 350mA. For best efficiency, inductor series
resistance should be less than 1
Ω.
I
=
K
L
PEAK
MAX
MIN
R3 = R4
V
V
- 1
TH
PFI


R1 = R2
V
V
- 1
OUT
REF


MAX1642
GND
FB
BATT
PFI
3.3VOUT
0.88V to 1.65V INPUT
100
µH, 350mA
PF0
22
µF
0.1
µF
SHDN
LX
OUT
OUT
22
µF
0.1
µF
MAX1643
GND
FB
BATT
3.3VOUT
0.88V to 1.65V INPUT
BATTLO
22
µF
0.1
µF
LX
OUT
PFI
PFO
22
µF
0.1
µF
OUT
100
µH, 350mA
Figure 2. MAX1642 3.3V Standard Application Circuit
Figure 3. MAX1643 3.3V Standard Application Circuit


Similar Part No. - MAX1642D-T

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX16425 AD-MAX16425 Datasheet
2Mb / 31P
   Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
MAX16425A AD-MAX16425A Datasheet
2Mb / 31P
   Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
MAX16425AGCJ++ AD-MAX16425AGCJ+ Datasheet
2Mb / 31P
   Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
MAX16425AGCJ+T AD-MAX16425AGCJ+T Datasheet
2Mb / 31P
   Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
MAX16425GCJ++ AD-MAX16425GCJ+ Datasheet
2Mb / 31P
   Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
More results

Similar Description - MAX1642D-T

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WD3133E WILLSEMI-WD3133E Datasheet
692Kb / 12P
   HIGH EFFICIENCY, 1.2-MHz DC-DC STEP-UP CONVERTERS
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
E-L6920D STMICROELECTRONICS-E-L6920D Datasheet
234Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
logo
Richtek Technology Corp...
RT9903B RICHTEK-RT9903B Datasheet
415Kb / 15P
   4 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Richtek Technology Corp...
RT9903 RICHTEK-RT9903 Datasheet
440Kb / 15P
   5 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com