Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1651ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1651ESA
Description  5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1651ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1651ESA Datasheet HTML 1Page - Maxim Integrated Products MAX1651ESA Datasheet HTML 2Page - Maxim Integrated Products MAX1651ESA Datasheet HTML 3Page - Maxim Integrated Products MAX1651ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1651ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1651ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1651ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1651ESA Datasheet HTML 8Page - Maxim Integrated Products MAX1651ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
5V/3.3V or Adjustable, High-Efficiency,
Low-Dropout, Step-Down DC-DC Controllers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
3V
≤ V+ ≤ 16V
CS Input Current
±1
µA
CEXT = 0.001µF, V+ = 12V
EXT Rise Time
25
ns
CEXT = 0.001µF, V+ = 12V
EXT Fall Time
25
ns
Current-Limit Trip Level
(V+ to CS)
mV
VCS
3V
≤ V+ ≤ 16V
80
110
140
tON
tON + tOFF
x 100%
Maximum Duty Cycle
95
96.5
%
80
66
SUPPLY CURRENT vs. TEMPERATURE
68
78
76
74
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
72
70
V+ = 10V
V+ = 16V
V+ = 4V
4.0
0
SHUTDOWN CURRENT
vs. TEMPERATURE
0.5
3.5
3.0
2.5
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
2.0
1.5
V+ = 8V
V+ = 16V
V+ = 4V
1.0
V+ = 12V
Switch Maximum On-Time
24
32
40
µs
tON (max)
V+ = 12V
Switch Minimum Off-Time
0.8
1.1
1.8
µs
tOFF (min)
-60
-20
60
140
EXT RISE AND FALL TIMES
vs. TEMPERATURE (1nF)
TEMPERATURE (°C)
20
100
-40
0
80
40
120
60
55
50
45
40
35
30
25
20
15
V+ = 15V, tFALL
V+ = 15V, tRISE
V+ = 5V, tFALL
V+ = 5V, tRISE
CEXT = 1nF
1
10
10k
LOAD CURRENT (mA)
100
90
80
70
60
50
40
100
1k
0.1
EFFICIENCY
vs. LOAD CURRENT (VOUT = 5V)
VOUT = 5V
CIRCUIT OF
FIGURE 1
TOP TO
BOTTOM:
VIN = 6V
VIN = 8V
VIN = 10V
VIN = 12V
VIN = 15V
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
40
-60
-20
60
140
EXT RISE AND FALL TIMES
vs. TEMPERATURE (5nF)
80
TEMPERATURE (°C)
20
100
-40
0
80
40
120
60
100
140
120
160
200
180
240
220
V+ = 15V, tFALL
V+ = 15V, tRISE
V+ = 5V, tFALL
V+ = 5V, tRISE
CEXT = 5nF
1
10
10k
LOAD CURRENT (mA)
100
90
80
70
60
50
40
100
1k
0.1
EFFICIENCY
vs. LOAD CURRENT (VOUT = 3.3V)
VOUT = 3.3V
CIRCUIT OF
FIGURE 1
TOP TO
BOTTOM:
VIN = 4.3V
VIN = 5V
VIN = 8V
VIN = 10V
VIN = 12V
VIN = 15V


Similar Part No. - MAX1651ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1651ESA MAXIM-MAX1651ESA Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
More results

Similar Description - MAX1651ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com