Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1651 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1651
Description  5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1651 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1651 Datasheet HTML 4Page - Maxim Integrated Products MAX1651 Datasheet HTML 5Page - Maxim Integrated Products MAX1651 Datasheet HTML 6Page - Maxim Integrated Products MAX1651 Datasheet HTML 7Page - Maxim Integrated Products MAX1651 Datasheet HTML 8Page - Maxim Integrated Products MAX1651 Datasheet HTML 9Page - Maxim Integrated Products MAX1651 Datasheet HTML 10Page - Maxim Integrated Products MAX1651 Datasheet HTML 11Page - Maxim Integrated Products MAX1651 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Input Bypass Capacitor
The input bypass capacitor reduces peak currents
drawn from the voltage source, and also reduces the
amount of noise at the voltage source caused by the
switching action of the MAX1649/MAX1651. The input
voltage source impedance determines the size of the
capacitor required at the V+ input. As with the output fil-
ter capacitor, a low-ESR capacitor is recommended.
Bypass the IC separately with a 0.1µF ceramic capac-
itor placed close to the V+ and GND pins.
Reference Capacitor
Bypass REF with a 0.1µF or larger capacitor.
5V/3.3V or Adjustable, High-Efficiency,
Low-Dropout, Step-Down DC-DC Controllers
______________________________________________________________________________________
11
___________________Chip Topography
TRANSISTOR COUNT: 428
SUBSTRATE CONNECTED TO V+
0.106"
(2.692mm)
0.081"
(2.057mm)
OUT
GND
CS
EXT
V+
FB
SHDN
REF
Table 2. Component Suppliers
COMPANY
PHONE
FAX
(207) 282-5111
AVX
USA
or
(207) 283-1941
(800) 282-4975
Coiltronics
USA
(407) 241-7876
(407) 241-9339
CoilCraft
USA
(708) 639-6400
(708) 639-1469
Dale
USA
(402) 564-3131
(402) 563-1841
International
USA
(310) 322-3331
(310) 322-3332
Rectifier
IRC
USA
(512) 992-7900
(512) 992-3377
(602) 244-3576
Motorola
USA
or
(602) 244-4015
(602) 244-5303
Nichicon
USA
(708) 843-7500
(708) 843-2798
Japan
81-7-5231-8461
81-7-5256-4158
Nihon
USA
(805) 867-2555
(805) 867-2556
Japan
81-3-3494-7411
81-3-3494-7414
Sanyo
USA
(619) 661-6835
(619) 661-1055
Japan
81-7-2070-6306
81-7-2070-1174
(408) 988-8000
Siliconix
USA
or
(408) 970-3950
(800) 554-5565
Sprague
USA
(603) 224-1961
(603) 224-1430
Sumida
USA
(708) 956-0666
(708) 956-0702
Japan
81-3-3607-5111
81-3-3607-5144
United
USA
(714) 255-9500
(714) 255-9400
Chemi-Con
Layout Considerations
Proper PC board layout is essential because of high
current levels and fast switching waveforms that radi-
ate noise. Minimize ground noise by connecting the
anode of the rectifier, the input bypass capacitor
ground lead, and the output filter capacitor ground
lead to a single point (“star” ground configuration). A
ground plane is recommended. Also minimize lead
lengths to reduce stray capacitance, trace resistance,
and radiated noise. In particular, the traces connected
to FB (if an external resistor divider is used) and EXT
must be short. Place the 0.1µF ceramic bypass capac-
itor as close as possible to the V+ and GND pins.
MAX1649/MAX1651 vs. MAX649/MAX651
The MAX1649 and MAX1651 are pin compatible with
the MAX649 and MAX651, but have been optimized for
improved dropout performance and efficiency—partic-
ularly with low input voltages. The MAX1649/MAX1651
feature increased maximum switch duty cycle (96.5%)
and reduced current-limit sense voltage (110mV).
Their predecessors, the MAX649/MAX651, use a high-
er two-step (210mV/110mV) current-limit sense voltage
to provide tighter current-sense accuracy and reduced
inductor peak current at light loads.


Similar Part No. - MAX1651

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1651 MAXIM-MAX1651 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1651 MAXIM-MAX1651 Datasheet
87Kb / 4P
   provides a regulated 5V output voltage from a 5.5V to 16.5V source Evaluation Kit
Rev 1; 11/07
MAX1651C/D MAXIM-MAX1651C/D Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1651CPA MAXIM-MAX1651CPA Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1651CSA MAXIM-MAX1651CSA Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
More results

Similar Description - MAX1651

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com