Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1666X Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1666X
Description  Advanced Lithium-Ion Battery-Pack Protector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1666X Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1666X Datasheet HTML 1Page - Maxim Integrated Products MAX1666X Datasheet HTML 2Page - Maxim Integrated Products MAX1666X Datasheet HTML 3Page - Maxim Integrated Products MAX1666X Datasheet HTML 4Page - Maxim Integrated Products MAX1666X Datasheet HTML 5Page - Maxim Integrated Products MAX1666X Datasheet HTML 6Page - Maxim Integrated Products MAX1666X Datasheet HTML 7Page - Maxim Integrated Products MAX1666X Datasheet HTML 8Page - Maxim Integrated Products MAX1666X Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX1666 provides complete protection against over-
voltage, undervoltage, overcharge current, overdischarge
current, and cell mismatch for 2-cell to 4-cell Lithium-Ion
battery packs. The voltage of each cell in the battery pack
is checked and compared to the programmable threshold
and to the other cells in the pack.
The MAX1666 protects the battery pack in an overcurrent
condition by disconnecting the pack from the load at a pro-
grammable limit. On-chip power MOSFET drivers control
external P-channel MOSFETs to disconnect the cells from
external terminals when faults occur.
The MAX1666 employs a unique timing scheme that allows
three modes of operation, for optimal performance and bat-
tery power conservation. The MAX1666 can operate in a
stand-alone configuration or in conjunction with a micro-
controller. It is available in three versions: the “S” version
monitors two Li-Ion cells, the “V” version monitors three
cells, and the “X” version monitors four cells.
Applications
2/3/4-Cell Lithium-Ion Battery Pack
Features
o Overvoltage Protection
Programmable Limits from +4.0V to +4.4V
Accurate to ±0.5%
o Undervoltage Protection
Programmable Limits from +2.0V to +3.0V
Accurate to ±2.5%
o Cell Mismatch Protection
Programmable Limits from 0 to 500mV
Accurate to ±10%
o Overcharge Current Protection
o Overdischarge Current Protection
o Low Operating Supply Current: 30µA typ
o Low Standby Current: 1µA max
o +28V max Input Voltage
o Available in Small 16-Pin QSOP (MAX1666S) and
20-Pin QSOP (MAX1666V/X) Packages
Advanced Lithium-Ion
Battery-Pack Protector
________________________________________________________________
Maxim Integrated Products
1
TOP VIEW
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
UVO
VCC
REF
OVA
CGO
TKO
DSO
SRC
UVA
MMA
WRN
PKF
B1P
B2P
B3P
B3P
12
11
9
10
CGI
DSI
PKN
GND
MAX1666V
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
UVO
VCC
REF
OVA
CGO
TKO
DSO
SRC
UVA
MMA
WRN
PKF
B1P
B2P
B3P
B4P
12
11
9
10
CGI
DSI
PKN
GND
MAX1666X
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SRC
VCC
REF
OVA
UVA
MMA
PKF
CGI
DSI
MAX1666S
DSO
TKO
BIP
CGO
B2P
GND
PKN
QSOP
QSOP
QSOP
19-1465; Rev 1; 7/99
PART
MAX1666SEEE
MAX1666VEEP
MAX1666XEEP
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
16 QSOP
20 QSOP
20 QSOP
Pin Configurations
Ordering Information
Selector Guide
Typical Operating Circuits appear at end of data sheet.
NUMBER OF LI-ION CELLS
PART
MAX1666S
2
3
4
MAX1666X
MAX1666V


Similar Part No. - MAX1666X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1666X MAXIM-MAX1666X Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
MAX1666XEEP MAXIM-MAX1666XEEP Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
More results

Similar Description - MAX1666X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
logo
National Semiconductor ...
LM3641 NSC-LM3641 Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
logo
Shenzhen Huazhimei Semi...
HM5410G HMSEMI-HM5410G Datasheet
625Kb / 13P
   1 lithium-ion rechargeable battery pack
logo
Richtek Technology Corp...
RT9501A RICHTEK-RT9501A_07 Datasheet
209Kb / 9P
   Advanced Lithium-Ion Linear Battery Charger
logo
Texas Instruments
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
   Lithium-ion Battery
1.1
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
   Lithium ion battery
logo
Shenzhen Huazhimei Semi...
DW01A HMSEMI-DW01A Datasheet
1Mb / 7P
   Protection IC for One-Cell Lithium-Ion / Lithium-Polymer Battery Pack
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com